Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC240APWR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC240APWR
Description  SN74LVC240A Octal Buffer/Driver with 3-State Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC240APWR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC240APWR Datasheet HTML 1Page - Texas Instruments SN74LVC240APWR Datasheet HTML 2Page - Texas Instruments SN74LVC240APWR Datasheet HTML 3Page - Texas Instruments SN74LVC240APWR Datasheet HTML 4Page - Texas Instruments SN74LVC240APWR Datasheet HTML 5Page - Texas Instruments SN74LVC240APWR Datasheet HTML 6Page - Texas Instruments SN74LVC240APWR Datasheet HTML 7Page - Texas Instruments SN74LVC240APWR Datasheet HTML 8Page - Texas Instruments SN74LVC240APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
SN74LVC240A
SCAS293L – JANUARY 1993 – REVISED JULY 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description .............................................. 9
9.1
Overview ................................................................... 9
2
Applications ........................................................... 1
9.2
Functional Block Diagram ......................................... 9
3
Description ............................................................. 1
9.3
Feature Description................................................. 10
4
Simplified Schematic............................................. 1
9.4
Device Functional Modes........................................ 10
5
Revision History..................................................... 2
10
Application and Implementation........................ 11
6
Pin Configuration and Functions ......................... 3
10.1
Application Information.......................................... 11
7
Specifications......................................................... 4
10.2
Typical Application ............................................... 11
7.1
Absolute Maximum Ratings ..................................... 4
11
Power Supply Recommendations ..................... 12
7.2
Handling Ratings....................................................... 4
12
Layout................................................................... 12
7.3
Recommended Operating Conditions ...................... 5
12.1
Layout Guidelines ................................................. 12
7.4
Thermal Information .................................................. 5
12.2
Layout Example .................................................... 12
7.5
Electrical Characteristics........................................... 6
13
Device and Documentation Support ................. 13
7.6
Switching Characteristics, –40°C to 85°C................. 6
13.1
Trademarks ........................................................... 13
7.7
Switching Characteristics, –40°C to 125°C............... 6
13.2
Electrostatic Discharge Caution ............................ 13
7.8
Operating Characteristics.......................................... 7
13.3
Glossary ................................................................ 13
7.9
Typical Characteristics .............................................. 7
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information .................. 8
Information ........................................................... 13
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision K (February 2005) to Revision L
Page
•
Updated document to new TI data sheet standards. ............................................................................................................. 1
•
Deleted Ordering Information table. ....................................................................................................................................... 1
•
Updated Ioff bullet in Features list. .......................................................................................................................................... 1
•
Added Applications. ............................................................................................................................................................... 1
•
Added Device Information table. ............................................................................................................................................ 1
•
Added Handling Ratings table. .............................................................................................................................................. 4
•
Changed MAX ambient temperature to 125°C in Recommended Operating Conditions table.............................................. 5
•
Added Thermal Information table. .......................................................................................................................................... 5
•
Added –40°C to 125°C temperature range to Electrical Characteristics table. ...................................................................... 6
•
Added Switching Characteristics table for –40°C to 125°C temperature range. .................................................................... 6
•
Added Typical Characteristics. .............................................................................................................................................. 7
•
Added Detailed Description section........................................................................................................................................ 9
•
Added Application and Implementation section.................................................................................................................... 11
2
Submit Documentation Feedback
Copyright © 1993–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC240A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com