Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC240APWR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC240APWR
Description  SN74LVC240A Octal Buffer/Driver with 3-State Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC240APWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC240APWR Datasheet HTML 2Page - Texas Instruments SN74LVC240APWR Datasheet HTML 3Page - Texas Instruments SN74LVC240APWR Datasheet HTML 4Page - Texas Instruments SN74LVC240APWR Datasheet HTML 5Page - Texas Instruments SN74LVC240APWR Datasheet HTML 6Page - Texas Instruments SN74LVC240APWR Datasheet HTML 7Page - Texas Instruments SN74LVC240APWR Datasheet HTML 8Page - Texas Instruments SN74LVC240APWR Datasheet HTML 9Page - Texas Instruments SN74LVC240APWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
SN74LVC240A
SCAS293L – JANUARY 1993 – REVISED JULY 2014
www.ti.com
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
1.65 V to
IOH = –100 μA
VCC – 0.2
VCC – 0.2
3.6 V
IOH = –4 mA
1.65 V
1.2
1.2
IOH = –8 mA
2.3 V
1.7
1.7
VOH
V
2.7 V
2.2
2.2
IOH = –12 mA
3 V
2.4
2.4
IOH = –24 mA
3 V
2.2
2.2
1.65 V to
IOL = 100 μA
0.2
0.2
3.6 V
IOL = 4 mA
1.65 V
0.45
0.45
VOL
V
IOL = 8 mA
2.3 V
0.7
0.7
IOL = 12 mA
2.7 V
0.4
0.4
IOL = 24 mA
3 V
0.55
0.55
II
VI = 0 to 5.5 V
3.6 V
±5
±5
μA
Ioff
VI or VO = 5.5 V
0
±10
±20
μA
IOZ
VO = 0 to 5.5 V
3.6 V
±10
±20
μA
VI = VCC or GND
10
10
ICC
IO = 0
3.6 V
μA
3.6 V
≤ VI ≤ 5.5 V
(2)
10
10
One input at VCC – 0.6 V,
2.7 V to
ΔICC
500
500
μA
Other inputs at VCC or GND
3.6 V
Ci
VI = VCC or GND
3.3 V
4
4
pF
Co
VO = VCC or GND
3.3 V
5.5
5.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This applies in the disabled state only.
7.6 Switching Characteristics, –40°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
16.4
7.8
7.5
1.3
6.5
ns
ten
OE
Y
16.5
10.5
9
1.1
8
ns
tdis
OE
Y
15.9
9
8
1.4
7
ns
tsk(o)
1
1
1
1
ns
7.7 Switching Characteristics, –40°C to 125°C
over operating free-air temperature range (unless otherwise noted)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
16.4
7.8
7.9
1.3
6.9
ns
ten
OE
Y
16.5
10.5
9.4
1.1
8.4
ns
tdis
OE
Y
15.9
9
8.6
1.4
7.6
ns
tsk(o)
1
1
1
1
ns
6
Submit Documentation Feedback
Copyright © 1993–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC240A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com