Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K68A Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT82K68A
Description  8-Bit Multimedia Keyboard Encoder Mask MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68A Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT82K68A Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K68A Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K68A Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K68A Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K68A Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K68A Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K68A Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K68A Datasheet HTML 24Page - Holtek Semiconductor Inc HT82K68A Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
HALT
Enter power down mode
Description
This instruction stops program execution and turns off the system clock. The contents of
the RAM and registers are retained. The WDT and prescaler are cleared. The power down
bit (PD) is set and the WDT time-out bit (TO) is cleared.
Operation
PC
¬ PC+1
PD
¬ 1
TO
¬ 0
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾¾
01
¾¾¾¾
INC [m]
Increment data memory
Description
Data in the specified data memory is incremented by 1
Operation
[m]
¬ [m]+1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
INCA [m]
Increment data memory and place result in the accumulator
Description
Data in the specified data memory is incremented by 1, leaving the result in the accumula-
tor. The contents of the data memory remain unchanged.
Operation
¬ [m]+1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
JMP addr
Directly jump
Description
Bits of the program counter are replaced with the directly-specified address uncondition-
ally, and control is passed to this destination.
Operation
PC
¬addr
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
MOV A,[m]
Move data memory to the accumulator
Description
The contents of the specified data memory are copied to the accumulator.
Operation
ACC
¬ [m]
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
HT82K68A
Rev. 1.10
21
November 20, 2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com