Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W640DB Datasheet(PDF) 48 Page - STMicroelectronics

Part # M29W640DB
Description  64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640DB Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M29W640DB Datasheet HTML 41Page - STMicroelectronics M29W640DB Datasheet HTML 42Page - STMicroelectronics M29W640DB Datasheet HTML 43Page - STMicroelectronics M29W640DB Datasheet HTML 44Page - STMicroelectronics M29W640DB Datasheet HTML 45Page - STMicroelectronics M29W640DB Datasheet HTML 46Page - STMicroelectronics M29W640DB Datasheet HTML 47Page - STMicroelectronics M29W640DB Datasheet HTML 48Page - STMicroelectronics M29W640DB Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
M29W640DT, M29W640DB
48/49
REVISION HISTORY
Table 29. Document Revision History
Date
Version
Revision Details
14-Dec-2001
-01
Document released
19-Apr-2002
-02
Description of Ready/Busy signal clarified (and Figure 12. modified)
Clarified allowable commands during Block Erase
Clarified the mode the device returns to in the CFI Read Query command section
tPLYH (time to reset device) respecified. Correction to table of Commands.
24-Apr-2002
-03
Values for addresses 23h and 25h corrected in CFI Query System Interface Information
table in Appendix B
05-Sep-2002
3.1
When in Extended Block mode, the block at the boot block address can be used as OTP.
Value of electronic signature changed. Data Toggle Flow chart corrected. SO44 package
removed. Double Word Program Time (typ) changed to 20s. Revision numbering
modified: a minor revision will be indicated by incrementing the digit after the dot, and a
major revision, by incrementing the digit before the dot (revision version 03 equals 3.0).
08-Jan-2003
3.2
Values corrected for typical times for Double Word Program (Byte or Word) and Chip
Program (Quadruple Byte, Double Word) in the Program, Erase Times and Program,
Erase Endurance Cycles table.
Document promoted from Product Preview to Preliminary Data.
04-Apr-2003
3.3
Data Retention and Erase Suspend Latency Time parameters added to Table
6., Program, Erase Times and Program, Erase Endurance Cycles, and Typical after 100k
W/E Cycles column removed.
IID (Identification) current removed from Table 11., DC Characteristics. Data modified at
addresses 2Eh, 31h, 32h in Table 24.
Extended Memory Block Verify Codes modified in Tables 2 and 3, “Bus Operations, BYTE
= VIL” and “Bus Operations, BYTE = VIH”, respectively. Block 75 address space corrected
for x8 mode in Table 19., Top Boot Block Addresses, M29W640DT, and Block 71
address space corrected for x8 mode in Table 20., Bottom Boot Block Addresses,
M29W640DB.
APPENDIX C., EXTENDED MEMORY BLOCK, added. VSS pin connection to ground
clarified.
Lead-free package options E and F added to Table 18., Ordering Information Scheme.
2-Oct-2003
3.4
Status of Ready/Busy signal for Erase Suspend Operation modified in Table 7, Status
Register Bits.
Double Word Program Command modified in COMMAND INTERFACE section.
TLEAD parameter added in Table 8., Absolute Maximum Ratings.
Note modified and addresses 31h to 3Ch added in Table 24., Device Geometry
Definition.
Addresses 43h and 4Eh modified; addresses 4Fh and 50h added in Table 25., Primary
Algorithm-Specific Extended Query Table.
10-Nov-2003
3.5
70ns access time option removed.
19-Dec-2003
3.6
VPP and IPP test conditions updated in Table 11., DC Characteristics.
Block Protect/Unprotect code updated in APPENDIX B., Table 25..
Customer Lockable Extended Block mechanism modified in APPENDIX C., EXTENDED
MEMORY BLOCK.
APPENDIX D., BLOCK PROTECTION updated: Note 1 added in the In-System
Technique section and Note 2 added below Figure 18., In-System Equipment Group
Protect Flowchart.
10-Dec-2004
5.0
Document status updated to Full Datasheet.
Status of Ready/Busy signal for Program Error, Chip Erase and Block Erase modified in
Table 7., Status Register Bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com