Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX2173 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX2173
Description  1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2173 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX2173 Datasheet HTML 1Page - Microsemi Corporation LX2173 Datasheet HTML 2Page - Microsemi Corporation LX2173 Datasheet HTML 3Page - Microsemi Corporation LX2173 Datasheet HTML 4Page - Microsemi Corporation LX2173 Datasheet HTML 5Page - Microsemi Corporation LX2173 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P RE LI MIN A R Y D ATA S HEET
T HE
I NFI N ITE
P O W ER
OF
I N NOVATIO N
L IN F IN IT Y M IC ROEL E C TRON IC S I NC .
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
1
Copyright © 1998
Rev. 0.4a ,2005-03-09
LX2172 / 73
1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
DESCRI PTI O N
The
LX2172/73
are
fixed-frequency,
current-mode switching regulator integrated
circuits. These ICs contain all necessary
control circuitry plus a 1.25A on-board
transistor to design a complete DC:DC
switching regulator with minimum external
components.
All functions are integrated into a single
IC, available in 8-pin DIP and SOIC or a 5-
pin TO-220 power package, making them
extremely easy to design with and use. The
LX2172/73 are optimized for
boost and flyback applications, but can
also be used in forward and inverting
converter configuations.
The LX2172 can be connected to an
external clock for synchronization, and can
enter micropower operation when the VC
pin is pulled low. The LX2173 has an
enable function, which permits extremely
low micropower operation, consuming
under 10µA current when the ENABLE
pin is brought low
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
PRODUCT H I GHLIGHT
SEPIC C ONVER TER U SING THE LX2172
Input 6-24V, Output 7V, 300mA
L1
D1
E
2
V
C
FB
SYNC
GND
V
SW
E
1
V
IN
1mH
1
2
3
4
8
7
6
5
U1
R3
100
R2
3.0k
C4
0.47 µF
(See Note 1)
R1
13.7k
C1
22µF
VIN
6-24V DC
CDECOUPLE
0.47 µF
1N5817
L2
1mH
COUT
220 µF
7V
Output
7V
300mA
C3
0.1 µF
C2
330 µF
Note 1: SYNC Pin Requirements:
A) F
MAX = 200kHz
B) TTL Compatible Level
C) Pulse Width T
P Range - 0.1µs < TP < 2.0µs
KEY FEATUR ES
1.25A, 65V Internal Power
Switch
3V - 25V Input Voltage Range
Current-Mode Operation
Improved Internal Cycle-By-
Cycle Current Limiting
Thermal Shutdown
Less Than 10µA Quiescent
Current In Microprocessor
Shutdown Mode
External Frequency
Synchronization Possible
100kHz Operating Frequency
APPLI CATI ONS
Boost Converter
Laptop / Notebook Computers
Portable Equipment
Small Motor Applications
Flyback Converters
Part #
Pin 4 Connection
LX2172
SYNC Input
LX2173
Low µPower Mode
(Hi ENABLE)
PACKAGE ORDER INFO
M
Plastic DIP
8-Pin
DM
Plastic SOIC
8-Pin
P
Plastic TO-220
5-Pin
TA (
°C)
RoHS Compliant / Pb-free
Transition DC: 0503
RoHS Compliant / Pb-free
Transition DC: 0440
0 to 70
LX217xCM
LX217xCDM
LX217xCP
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LX2172CDM-TR)


Similar Part No. - LX2173

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LX21 BANNER-LX21 Datasheet
746Kb / 6P
LX Series Part-Sensing Light Screen
LX21 BANNER-LX21 Datasheet
337Kb / 6P
LX Series Part-Sensing Light Curtain
09-Jul-25 Rev. I
logo
NXP Semiconductors
LX2160A NXP-LX2160A Datasheet
319Kb / 2P
COMPLETE ENABLEMENT, RICH ECOSYSTEM
October 2018
LX2160A-RDB NXP-LX2160A-RDB Datasheet
319Kb / 2P
COMPLETE ENABLEMENT, RICH ECOSYSTEM
October 2018
logo
Banner Engineering Corp...
LX21E BANNER-LX21E Datasheet
746Kb / 6P
LX Series Part-Sensing Light Screen
More results

Similar Description - LX2173

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3972 CHERRY-CS3972 Datasheet
186Kb / 6P
1.25A High Efficiency Switching Regulator
Rev. 6/23/99
logo
Linear Technology
LT1072 LINER-LT1072 Datasheet
1,017Kb / 11P
1.25A High Efficiency Switching Regulator
LT1072 LINER-LT1072_1 Datasheet
201Kb / 16P
1.25A High Efficiency Switching Regulator
LT1072CN8 LINER-LT1072CN8 Datasheet
206Kb / 16P
1.25A High Efficiency Switching Regulator
logo
Unisonic Technologies
P2172 UTC-P2172 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1072 LINER-LT1072_15 Datasheet
206Kb / 16P
1.25A High Efficiency Switching Regulator
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
ON Semiconductor
CS3972 ONSEMI-CS3972 Datasheet
94Kb / 8P
1.25A High Efficiency Switching Regulator
December, 2001 - Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com