Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F016D Datasheet(PDF) 24 Page - STMicroelectronics

Part # M29F016D
Description  16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F016D Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M29F016D Datasheet HTML 20Page - STMicroelectronics M29F016D Datasheet HTML 21Page - STMicroelectronics M29F016D Datasheet HTML 22Page - STMicroelectronics M29F016D Datasheet HTML 23Page - STMicroelectronics M29F016D Datasheet HTML 24Page - STMicroelectronics M29F016D Datasheet HTML 25Page - STMicroelectronics M29F016D Datasheet HTML 26Page - STMicroelectronics M29F016D Datasheet HTML 27Page - STMicroelectronics M29F016D Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
M29F016D
24/37
Figure 15. SO44 – 44 lead Plastic Small Outline, 525 mils body width, Package Outline
Note: Drawing is not to scale.
Table 15. SO44 – 44 lead Plastic Small Outline, 525 mils body width, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A2.80
0.1102
A1
0.10
0.0039
A2
2.30
2.20
2.40
0.0906
0.0866
0.0945
b
0.40
0.35
0.50
0.0157
0.0138
0.0197
C
0.15
0.10
0.20
0.0059
0.0039
0.0079
CP
0.08
0.0030
E
13.30
13.20
13.50
0.5236
0.5197
0.5315
D
28.20
28.00
28.40
1.1102
1.1024
1.1181
e
1.27
–
–
0.0500
–
–
HE
16.00
15.75
16.25
0.6299
0.6201
0.6398
L
0.80
0.0315
N44
44
α
88
SO-d
E
N
D
C
L
A1
α
EH
A
1
e
CP
b
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com