Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F016D Datasheet(PDF) 26 Page - STMicroelectronics

Part # M29F016D
Description  16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F016D Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M29F016D Datasheet HTML 22Page - STMicroelectronics M29F016D Datasheet HTML 23Page - STMicroelectronics M29F016D Datasheet HTML 24Page - STMicroelectronics M29F016D Datasheet HTML 25Page - STMicroelectronics M29F016D Datasheet HTML 26Page - STMicroelectronics M29F016D Datasheet HTML 27Page - STMicroelectronics M29F016D Datasheet HTML 28Page - STMicroelectronics M29F016D Datasheet HTML 29Page - STMicroelectronics M29F016D Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
M29F016D
26/37
APPENDIX A. BLOCK ADDRESS TABLE
Table 17. Block Addresses, M29F016D
#
Size,
KByte
Address Range
Protection Group
31
64
1F0000h-1FFFFFh
7
30
64
1E0000h-1EFFFFh
29
64
1D0000h-1DFFFFh
28
64
1C0000h-1CFFFFh
27
64
1B0000h-1BFFFFh
6
26
64
1A0000h-1AFFFFh
25
64
190000h-19FFFFh
24
64
180000h-18FFFFh
23
64
170000h-17FFFFh
5
22
64
160000h-16FFFFh
21
64
150000h-15FFFFh
20
64
140000h-14FFFFh
19
64
130000h-13FFFFh
4
18
64
120000h-12FFFFh
17
64
110000h-11FFFFh
16
64
100000h-10FFFFh
15
64
0F0000h-0FFFFFh
3
14
64
0E0000h-0EFFFFh
13
64
0D0000h-0DFFFFh
12
64
0C0000h-0CFFFFh
11
64
0B0000h-0BFFFFh
2
10
64
0A0000h-0AFFFFh
9
64
090000h-09FFFFh
8
64
080000h-08FFFFh
7
64
070000h-07FFFFh
1
6
64
060000h-06FFFFh
5
64
050000h-05FFFFh
4
64
040000h-04FFFFh
3
64
030000h-03FFFFh
0
2
64
020000h-02FFFFh
1
64
010000h-01FFFFh
0
64
000000h-00FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com