Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6420FDWVR Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO6420FDWVR
Description  ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6420FDWVR Datasheet(HTML) 2 Page - Texas Instruments

  ISO6420FDWVR Datasheet HTML 1Page - Texas Instruments ISO6420FDWVR Datasheet HTML 2Page - Texas Instruments ISO6420FDWVR Datasheet HTML 3Page - Texas Instruments ISO6420FDWVR Datasheet HTML 4Page - Texas Instruments ISO6420FDWVR Datasheet HTML 5Page - Texas Instruments ISO6420FDWVR Datasheet HTML 6Page - Texas Instruments ISO6420FDWVR Datasheet HTML 7Page - Texas Instruments ISO6420FDWVR Datasheet HTML 8Page - Texas Instruments ISO6420FDWVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison......................................................... 3
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................6
6.4 Thermal Information....................................................6
6.5 Power Ratings.............................................................7
6.6 Insulation Specifications ............................................ 8
6.7 Safety-Related Certifications.................................... 10
6.8 Safety Limiting Values...............................................10
6.9 Electrical Characteristics—5V Supply.......................11
6.10 Supply Current Characteristics—5V Supply........... 12
6.11 Electrical Characteristics—3.3V Supply..................13
6.12 Supply Current Characteristics—3.3V Supply........ 14
6.13 Electrical Characteristics—2.5V Supply .................15
6.14 Supply Current Characteristics—2.5V Supply........ 16
6.15 Switching Characteristics—5V Supply....................17
6.16 Switching Characteristics—3.3V Supply.................18
6.17 Switching Characteristics—2.5V Supply.................19
6.18 Insulation Characteristics Curves........................... 20
6.19 Typical Characteristics............................................ 21
7 Parameter Measurement Information.......................... 23
8 Detailed Description......................................................24
8.1 Overview................................................................... 24
8.2 Functional Block Diagram......................................... 24
8.3 Feature Description...................................................25
8.4 Device Functional Modes..........................................25
8.5 Device I/O Schematics..............................................26
9 Application and Implementation.................................. 27
9.1 Application Information............................................. 27
9.2 Typical Application.................................................... 27
9.3 Power Supply Recommendations.............................30
9.4 Layout....................................................................... 30
10 Device and Documentation Support..........................32
10.1 Documentation Support.......................................... 32
10.2 Receiving Notification of Documentation Updates..32
10.3 Support Resources................................................. 32
10.4 Trademarks.............................................................32
10.5 Electrostatic Discharge Caution..............................32
10.6 Glossary..................................................................32
11 Revision History.......................................................... 32
12 Mechanical, Packaging, and Orderable
Information.................................................................... 33
ISO6420, ISO6421
SLLSG12A – AUGUST 2025 – REVISED MARCH 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6420 ISO6421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com