Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6420FDWVR Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO6420FDWVR
Description  ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6420FDWVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO6420FDWVR Datasheet HTML 17Page - Texas Instruments ISO6420FDWVR Datasheet HTML 18Page - Texas Instruments ISO6420FDWVR Datasheet HTML 19Page - Texas Instruments ISO6420FDWVR Datasheet HTML 20Page - Texas Instruments ISO6420FDWVR Datasheet HTML 21Page - Texas Instruments ISO6420FDWVR Datasheet HTML 22Page - Texas Instruments ISO6420FDWVR Datasheet HTML 23Page - Texas Instruments ISO6420FDWVR Datasheet HTML 24Page - Texas Instruments ISO6420FDWVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
6.19 Typical Characteristics
Data Rate (Mbps)
0
25
50
75
100
125
150
0
2
4
6
8
10
12
14
16
18
ICC1 at 2.5V
ICC1 at 3.3V
ICC1 at 5V
ICC2 at 2.5V
ICC2 at 3.3V
ICC2 at 5V
TA = 25°C
CL = 15pF
Figure 6-5. ISO6420 or ISO6420F Supply Current vs
Data Rate (With 15pF Load)
Data Rate (Mbps)
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
ICC1 at 2.5V
ICC1 at 3.3V
ICC1 at 5V
ICC2 at 2.5V
ICC2 at 3.3V
ICC2 at 5V
TA = 25°C
CL = No Load
Figure 6-6. ISO6420 or ISO6420F Supply Current vs
Data Rate (With No Load)
Data Rate (Mbps)
0
25
50
75
100
125
150
1
3
5
7
9
11
ICC1 at 2.5V
ICC1 at 3.3V
ICC1 at 5V
ICC2 at 2.5V
ICC2 at 3.3V
ICC2 at 5V
TA = 25°C
CL = 15pF
Figure 6-7. ISO6421 or ISO6421F Supply Current vs
Data Rate (With 15pF Load)
Data Rate (Mbps)
0
25
50
75
100
125
150
2
4
6
ICC1 at 2.5V
ICC1 at 3.3V
ICC1 at 5V
ICC2 at 2.5V
ICC2 at 3.3V
ICC2 at 5V
TA = 25°C
CL = No Load
Figure 6-8. ISO6421 or ISO6421F Supply Current vs
Data Rate (With No Load)
www.ti.com
ISO6420, ISO6421
SLLSG12A – AUGUST 2025 – REVISED MARCH 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO6420 ISO6421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com