Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6440DFPRQ1 Datasheet(PDF) 29 Page - Texas Instruments

Part # ISO6440DFPRQ1
Description  ISO644x-Q1 General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6440DFPRQ1 Datasheet(HTML) 29 Page - Texas Instruments

Back Button ISO6440DFPRQ1 Datasheet HTML 25Page - Texas Instruments ISO6440DFPRQ1 Datasheet HTML 26Page - Texas Instruments ISO6440DFPRQ1 Datasheet HTML 27Page - Texas Instruments ISO6440DFPRQ1 Datasheet HTML 28Page - Texas Instruments ISO6440DFPRQ1 Datasheet HTML 29Page - Texas Instruments ISO6440DFPRQ1 Datasheet HTML 30Page - Texas Instruments ISO6440DFPRQ1 Datasheet HTML 31Page - Texas Instruments ISO6440DFPRQ1 Datasheet HTML 32Page - Texas Instruments ISO6440DFPRQ1 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
8.5 Device I/O Schematics
INx
VCCI
VCCI
VCCI
≅1M
≅1k
Figure 8-3. Input (INx) Default High (Device Without
F Suffix Device) Schematics
VCCI
≅1M
INx
VCCI
≅1k
Figure 8-4. Input (INx) Default Low (Device With F
Suffix Device) Schematics
ENx
VCCI
VCCI
VCCI
≅1M
≅1k
Figure 8-5. Enable (ENx) Schematics
VCCO
≅33
OUTx
Figure 8-6. Output (OUTx) Schematics
8.6 Overvoltage Tolerant Input
The input pins of this device, INx and ENx, support input signal voltage in excess of the supply voltage (VCCI)
on the input side of the device as long as the voltage on the inputs remains below the voltages listed in the
Recommended Operating Conditions , and Absolute Maximum Ratings .
This allows the device to support input signal voltages on the inputs when the input supply, VCCI, is unpowered.
In this use case, the outputs transition to the default output state when the input side no longer has a valid
supply.
These inputs also provide the capability of the inputs to down translate input signal voltages up to the VIMAX in
the Recommended Operating Conditions . For example, an input signal 5V high-level can be used while VCCI is
operating a 3.3V.
www.ti.com
ISO6440-Q1, ISO6441-Q1, ISO6442-Q1
SLLSG11 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: ISO6440-Q1 ISO6441-Q1 ISO6442-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com