Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6440DFPRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO6440DFPRQ1
Description  ISO644x-Q1 General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6440DFPRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO6440DFPRQ1 Datasheet HTML 4Page - Texas Instruments ISO6440DFPRQ1 Datasheet HTML 5Page - Texas Instruments ISO6440DFPRQ1 Datasheet HTML 6Page - Texas Instruments ISO6440DFPRQ1 Datasheet HTML 7Page - Texas Instruments ISO6440DFPRQ1 Datasheet HTML 8Page - Texas Instruments ISO6440DFPRQ1 Datasheet HTML 9Page - Texas Instruments ISO6440DFPRQ1 Datasheet HTML 10Page - Texas Instruments ISO6440DFPRQ1 Datasheet HTML 11Page - Texas Instruments ISO6440DFPRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO6440-Q1 (default high) and ISO6440F-Q1 (default low, with F suffix)
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5V, TJ = 150°C, CL
= 15pF, Input a 75MHz 50% duty cycle
square wave
268.2
mW
PD1
Maximum power dissipation (side-1)
58.1
mW
PD2
Maximum power dissipation (side-2)
210.1
mW
ISO6441-Q1 (default high) and ISO6441F-Q1 (default low, with F suffix)
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5V, TJ = 150°C, CL
=15pF, Input a 75MHz 50% duty cycle
square wave
262.2
mW
PD1
Maximum power dissipation (side-1)
94.1
mW
PD2
Maximum power dissipation (side-2)
168.1
mW
ISO6442-Q1 (default high) and ISO6442F-Q1 (default low, with F suffix)
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5V, TJ = 150°C, CL
= 15pF, Input a 75MHz 50% duty cycle
square wave
268
mW
PD1
Maximum power dissipation (side-1)
134
mW
PD2
Maximum power dissipation (side-2)
134
mW
ISO6440-Q1, ISO6441-Q1, ISO6442-Q1
SLLSG11 – APRIL 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6440-Q1 ISO6441-Q1 ISO6442-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com