Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6440FDFPRQ1 Datasheet(PDF) 17 Page - Texas Instruments

Part # ISO6440FDFPRQ1
Description  ISO644x-Q1 General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6440FDFPRQ1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO6440FDFPRQ1 Datasheet HTML 13Page - Texas Instruments ISO6440FDFPRQ1 Datasheet HTML 14Page - Texas Instruments ISO6440FDFPRQ1 Datasheet HTML 15Page - Texas Instruments ISO6440FDFPRQ1 Datasheet HTML 16Page - Texas Instruments ISO6440FDFPRQ1 Datasheet HTML 17Page - Texas Instruments ISO6440FDFPRQ1 Datasheet HTML 18Page - Texas Instruments ISO6440FDFPRQ1 Datasheet HTML 19Page - Texas Instruments ISO6440FDFPRQ1 Datasheet HTML 20Page - Texas Instruments ISO6440FDFPRQ1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
6.14 Supply Current Characteristics—2.5V Supply
VCC1 = VCC2 = 2.5V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO6440-Q1 (default high) and ISO6440F-Q1 (default low, with F suffix)
Supply current - DC signal
(2)
VI = VCC1 (1)(default high); VI = 0V (default low, with F
suffix)
ICC1
3.3
4.6
mA
ICC2
1.2
1.4
VI = 0V (default high); VI = VCC1 (default low, with F
suffix)
ICC1
11.2
13.0
ICC2
1.0
1.21
Supply current - AC signal
(3)
All channels switching with square
wave clock input; CL = 15pF
1Mbps
ICC1
7.3
8.8
ICC2
1.2
1.5
10Mbps
ICC1
7.4
8.8
ICC2
2.2
2.5
100Mbps
ICC1
7.6
9.3
ICC2
11.5
13.3
ISO6441-Q1 (default high) and ISO6441F-Q1 (default low, with F suffix)
Supply current - DC signal
(2)
VI = VCC1 (1)(default high); VI = 0V (default low, with F
suffix)
ICC1
3.1
4.5
mA
ICC2
2.1
2.9
VI = 0V (default high); VI = VCC1 (default low, with F
suffix)
ICC1
8.5
10.4
ICC2
3.8
4.7
Supply current - AC signal
(3)
All channels switching with square
wave clock input; CL = 15pF
1Mbps
ICC1
5.8
7.4
ICC2
3.1
3.9
10Mbps
ICC1
6.1
7.7
ICC2
3.8
4.7
100Mbps
ICC1
8.6
10.6
ICC2
10.7
12.7
ISO6442-Q1 (default high) and ISO6442F-Q1 (default low, with F suffix)
Supply current - DC
signal (2)
VI = VCC1 (1)(default high); VI = 0V (default low, with F
suffix)
ICC1 , ICC2
2.1
3.1
mA
VI = 0V (default high); VI = VCC1 (default low, with F
suffix)
ICC1 , ICC2
5.6
7.2
Supply current - AC
signal (3)
All channels switching with square
wave clock input; CL = 15pF
1Mbps
ICC1, ICC2
3.9
5.2
10Mbps
ICC1, ICC2
4.6
5.8
100Mbps
ICC1, ICC2
9.3
11.5
(1)
VCCI = Input-side VCC
(2)
Supply current valid for ENx = VCCx
(3)
Supply current valid for ENx = VCCx
www.ti.com
ISO6440-Q1, ISO6441-Q1, ISO6442-Q1
SLLSG11 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: ISO6440-Q1 ISO6441-Q1 ISO6442-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com