Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6440FDFPRQ1 Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO6440FDFPRQ1
Description  ISO644x-Q1 General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6440FDFPRQ1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO6440FDFPRQ1 Datasheet HTML 8Page - Texas Instruments ISO6440FDFPRQ1 Datasheet HTML 9Page - Texas Instruments ISO6440FDFPRQ1 Datasheet HTML 10Page - Texas Instruments ISO6440FDFPRQ1 Datasheet HTML 11Page - Texas Instruments ISO6440FDFPRQ1 Datasheet HTML 12Page - Texas Instruments ISO6440FDFPRQ1 Datasheet HTML 13Page - Texas Instruments ISO6440FDFPRQ1 Datasheet HTML 14Page - Texas Instruments ISO6440FDFPRQ1 Datasheet HTML 15Page - Texas Instruments ISO6440FDFPRQ1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
6.9 Electrical Characteristics—5V Supply
VCC1 = VCC2 = 5V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH(OUTx)
OUTx (output) high-level output
voltage
IOH = -4mA; See Section 7
VCCO - 0.4(1)
V
VOL(OUTx)
OUTx (output) low-level output
voltage
IOL = 4mA; See Section 7
0.4
VIT+(INx)
INx (input) switching threshold
voltage, rising
0.7 × VCCI (1)
VIT-(INx)
INx (input) switching threshold
voltage, falling
0.3 × VCCI (1)
VI_HYS(INx)
INx (input) switching threshold
voltage hysteresis
0.1 × VCCI (1)
II(INx)
INx (input) input current (default high
device)
HIGH Input Current: VIH =
VCCI (1) at INx (leakage current)
1
µA
LOW Input Current: VIL = 0V
at INx (leakage and current
through default high pull-up
resistance)
-10
INx (input) input current (default low
device, with F suffix)
HIGH Input Current: VIH =
VCCI (1) at INx (leakage and
current through default low pull-
down resistance)
10
LOW Input Current: VIL = 0V at
INx (leakage current)
-1
VIH(ENx)
ENx (enable) threshold voltage,
rising
0.7 × VCCI (1)
V
VIL(ENx)
ENx (enable) threshold voltage,
falling
0.3 × VCCI (1)
VI_HYS(ENx)
ENx (enable) threshold voltage
hysteresis
0.1 × VCCI (1)
II(ENx)
ENx (enable) input current
(integrated pull-up)
HIGH Input Current: VIH =
VCCI (1) at ENx (leakage
current)
1
µA
LOW Input Current: VIL = 0V
at ENx (leakage and current
through default high pull-up
resistance)
-10
CMTI_R
Common mode transient immunity,
device rated for reinforced isolation
(DW Package , DFP Package)
VI = VCC or 0V, VCM = 1200V,
VENx = VCC ; See Section 7
200
250
kV/µs
CMTI_B
Common mode transient immunity,
device rated for basic isolation (DBQ
Package )
VI = VCC or 0V, VCM = 500V,
VENx = VCC ; See Section 7
150
180
kV/µs
Ci
Input Capacitance (2)
VI = VCC/ 2 + 0.4×sin(2πft), f =
2MHz, VCC = 5V
1.5
pF
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC
(2)
Measured from input pin to same side ground.
ISO6440-Q1, ISO6441-Q1, ISO6442-Q1
SLLSG11 – APRIL 2026
www.ti.com
12
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6440-Q1 ISO6441-Q1 ISO6442-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com