Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6441FDFPRQ1 Datasheet(PDF) 30 Page - Texas Instruments

Part # ISO6441FDFPRQ1
Description  ISO644x-Q1 General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6441FDFPRQ1 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ISO6441FDFPRQ1 Datasheet HTML 26Page - Texas Instruments ISO6441FDFPRQ1 Datasheet HTML 27Page - Texas Instruments ISO6441FDFPRQ1 Datasheet HTML 28Page - Texas Instruments ISO6441FDFPRQ1 Datasheet HTML 29Page - Texas Instruments ISO6441FDFPRQ1 Datasheet HTML 30Page - Texas Instruments ISO6441FDFPRQ1 Datasheet HTML 31Page - Texas Instruments ISO6441FDFPRQ1 Datasheet HTML 32Page - Texas Instruments ISO6441FDFPRQ1 Datasheet HTML 33Page - Texas Instruments ISO6441FDFPRQ1 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The ISO644x-Q1 devices are high-performance, low power, quad-channel digital isolators. These devices come
with enable pins on each side which can be used to put the respective outputs in high impedance for parallel
(multiple) driver applications. The ISO644x-Q1 devices use single-ended CMOS-logic switching technology.
The supply voltage range is from 2.25V to 5.5V for both supplies, VCC1 and VCC2. Since an isolation barrier
separates the two sides, each side can be sourced independently with any voltage within the Recommended
Operating Conditions section. As an example, supplying ISO644x-Q1 VCC1 with 3.3V (which is within 2.25V to
5.5V) and VCC2 with 5V (which is also within 2.25V to 5.5V) is possible. You can use the digital isolator as a
logic-level translator in addition to providing isolation. When designing with digital isolators, keep in mind that
because of the single-ended design structure, digital isolators do not conform to any specific interface standard
and are only intended for isolating single-ended CMOS or TTL digital signal lines. The isolator is typically placed
between the data controller (that is, MCU or FPGA), and a data converter or a line transceiver, regardless of the
interface type or standard.
9.2 Typical Application
Figure 9-1 shows an isolated dual CAN interface implementation.
VS
MBR0520L
MBR0520L
1:1.33
D2
SN6505x-Q1
D1
GND
GND
3.3 V
IN
EN
GND
OUT
TPS76350-Q1
ISO 5V
VCC
GND
CANH1
CANL1
RXD1
TXD1
TCAN1046-Q1
ISO Barrier
Vcc
VCC1
VCC2
GND1
GND2
INA
OUTA
INC
OUTC
ISO6442-Q1
INB
OUTD
OUTB
IND
RXD2
TXD2
CANH2
CANL2
System Controller
STBx
VDD
CAN FD
Controller
CAN FD
Controller
EN2
EN1
Figure 9-1. Typical Isolated Dual CAN Application Circuit
ISO6440-Q1, ISO6441-Q1, ISO6442-Q1
SLLSG11 – APRIL 2026
www.ti.com
30
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6440-Q1 ISO6441-Q1 ISO6442-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com