Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6441FDFPRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO6441FDFPRQ1
Description  ISO644x-Q1 General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6441FDFPRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  ISO6441FDFPRQ1 Datasheet HTML 1Page - Texas Instruments ISO6441FDFPRQ1 Datasheet HTML 2Page - Texas Instruments ISO6441FDFPRQ1 Datasheet HTML 3Page - Texas Instruments ISO6441FDFPRQ1 Datasheet HTML 4Page - Texas Instruments ISO6441FDFPRQ1 Datasheet HTML 5Page - Texas Instruments ISO6441FDFPRQ1 Datasheet HTML 6Page - Texas Instruments ISO6441FDFPRQ1 Datasheet HTML 7Page - Texas Instruments ISO6441FDFPRQ1 Datasheet HTML 8Page - Texas Instruments ISO6441FDFPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Table 5-1. Pin Functions
PIN
Type(1)
DESCRIPTION
NAME
ISO6440-Q1 ,
ISO6440F-Q1
ISO6441-Q1 ,
ISO6441F-Q1
ISO6442-Q1 ,
ISO6442F-Q1
EN1
-
7
7
I
Output enable 1. Output pins on side 1 are enabled when EN1
is high or open and in high-impedance state when EN1 is low.
EN2
10
10
10
I
Output enable 2. Output pins on side 2 are enabled when EN2
is high or open and in high-impedance state when EN2 is low.
GND1
2, 8
2,8
2,8
—
Ground connection for VCC1
GND2
9, 15
9,15
9,15
—
Ground connection for VCC2
INA
3
3
3
I
Input, channel A
INB
4
4
4
I
Input, channel B
INC
5
5
12
I
Input, channel C
IND
6
11
11
I
Input, channel D
NC
7
-
-
Not connected
OUTA
14
14
14
O
Output, channel A
OUTB
13
13
13
O
Output, channel B
OUTC
12
12
5
O
Output, channel C
OUTD
11
6
6
O
Output, channel D
VCC1
1
1
1
—
Power supply, side 1
VCC2
16
16
16
—
Power supply, side 2
(1)
I = Input, O = Output
www.ti.com
ISO6440-Q1, ISO6441-Q1, ISO6442-Q1
SLLSG11 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ISO6440-Q1 ISO6441-Q1 ISO6442-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com