Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6442FDFPRQ1 Datasheet(PDF) 20 Page - Texas Instruments

Part # ISO6442FDFPRQ1
Description  ISO644x-Q1 General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6442FDFPRQ1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO6442FDFPRQ1 Datasheet HTML 16Page - Texas Instruments ISO6442FDFPRQ1 Datasheet HTML 17Page - Texas Instruments ISO6442FDFPRQ1 Datasheet HTML 18Page - Texas Instruments ISO6442FDFPRQ1 Datasheet HTML 19Page - Texas Instruments ISO6442FDFPRQ1 Datasheet HTML 20Page - Texas Instruments ISO6442FDFPRQ1 Datasheet HTML 21Page - Texas Instruments ISO6442FDFPRQ1 Datasheet HTML 22Page - Texas Instruments ISO6442FDFPRQ1 Datasheet HTML 23Page - Texas Instruments ISO6442FDFPRQ1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
6.17 Switching Characteristics—2.5V Supply
VCC1 = VCC2 = 2.5V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
at 100kbps
See Section 7
4.75
8.4
14.5
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.55
2.6
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
1.5
ns
tsk(pp)
Part-to-part skew time(3)
3
tr
Output signal rise time
See Section 7
5
ns
tf
Output signal fall time
5
tPHZ
Disable propagation delay, high-to-high impedance output
See Section 7
19
ns
tPLZ
Disable propagation delay, low-to-high impedance output
17
tPZH
Enable propagation delay, high impedance-to-high output for
device with EN
See Section 7
17
ns
tPZL
Enable propagation delay, high impedance-to-low output for
device with EN
12
tPU
Time from VCC UVLO to valid output data
VCC ramp < 1µs
80
µs
tDO
Default output delay time from input power loss
Measured from the time VCC goes
below VCC_UVLO–(MIN). See Section 7
0.047
0.1
µs
tie
Time interval error
216 – 1 PRBS data at 100Mbps
0.22
ns
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
ISO6440-Q1, ISO6441-Q1, ISO6442-Q1
SLLSG11 – APRIL 2026
www.ti.com
20
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6440-Q1 ISO6441-Q1 ISO6442-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com