Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6442FDFPRQ1 Datasheet(PDF) 32 Page - Texas Instruments

Part # ISO6442FDFPRQ1
Description  ISO644x-Q1 General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6442FDFPRQ1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ISO6442FDFPRQ1 Datasheet HTML 28Page - Texas Instruments ISO6442FDFPRQ1 Datasheet HTML 29Page - Texas Instruments ISO6442FDFPRQ1 Datasheet HTML 30Page - Texas Instruments ISO6442FDFPRQ1 Datasheet HTML 31Page - Texas Instruments ISO6442FDFPRQ1 Datasheet HTML 32Page - Texas Instruments ISO6442FDFPRQ1 Datasheet HTML 33Page - Texas Instruments ISO6442FDFPRQ1 Datasheet HTML 34Page - Texas Instruments ISO6442FDFPRQ1 Datasheet HTML 35Page - Texas Instruments ISO6442FDFPRQ1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
9.2.3 Application Curve
The following typical eye diagrams of the ISO644x-Q1 family of devices indicates low jitter and wide open eye at
100Mbps.
Horizontal 2ns / division, Vertical 1V / division.
Figure 9-3. ISO644x-Q1 Eye Diagram at 100Mbps
PRBS 216 – 1, 5V and 25°C
Horizontal 2ns / division, Vertical 500mV / division.
Figure 9-4. ISO644x-Q1 Eye Diagram at 100Mbps
PRBS 216 – 1, 3.3V and 25°C
Horizontal 2ns / division, Vertical 500mV / division.
Figure 9-5. ISO644x-Q1 Eye Diagram at 100Mbps PRBS 216 – 1, 2.5V and 25°C
ISO6440-Q1, ISO6441-Q1, ISO6442-Q1
SLLSG11 – APRIL 2026
www.ti.com
32
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6440-Q1 ISO6441-Q1 ISO6442-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com