| Electronic Components Datasheet Search |
|
ISO6442FDFPR Datasheet(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6442FDFPR Datasheet(HTML) 10 Page - Texas Instruments |
|
10 / 56 page ![]() 6.7 Safety-Related Certifications VDE CSA UL CQC TUV Plan to certify according to DIN EN IEC 60747-17 (VDE 0884-17) Plan to certify according to IEC 62368-1, IEC 61010-1 and IEC 60601 Plan to certify according to UL 1577 Component Recognition Program Plan to certify according to GB4943.1 Plan to certify according to EN 61010-1 and EN 62368-1 Certificate planned Certificate planned Certificate planned Certificate planned Certificate planned 6.8 Safety Limiting Values Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT DW-16 Package IS Safety input, output, or supply current RθJA = 83°C/W, VI = 5.5V, TJ = 150°C, TA = 25°C 273.8 mA RθJA = 83°C/W, VI = 3.6V, TJ = 150°C, TA = 25°C 418.3 mA RθJA = 83°C/W, VI = 2.75V, TJ = 150°C, TA = 25°C 547.6 PS Safety input, output, or total power RθJA = 83°C/W, TJ = 150°C, TA = 25°C 1506 mW TS Maximum safety temperature 150 °C DFP-16 Package IS Safety input, output, or supply current RθJA = 113.3°C/W, VI = 5.5V, TJ = 150°C, TA = 25°C 200.6 mA IS Safety input, output, or supply current RθJA = 113.3°C/W, VI = 3.6V, TJ = 150°C, TA = 25°C 306.5 mA IS Safety input, output, or supply current RθJA = 113.3°C/W, VI = 2.75V, TJ = 150°C, TA = 25°C 401.2 mA PS Safety input, output, or total power RθJA = 113.3°C/W, TJ = 150°C, TA = 25°C 1103.3 mW TS Maximum safety temperature 150 °C DBQ-16 Package IS Safety input, output, or supply current RθJA = 117.8°C/W, VI = 5.5V, TJ = 150°C, TA = 25°C 192.9 mA IS Safety input, output, or supply current RθJA = 117.8°C/W, VI = 3.6V, TJ = 150°C, TA = 25°C 294.8 mA IS Safety input, output, or supply current RθJA = 117.8°C/W, VI = 2.75V, TJ = 150°C, TA = 25°C 385.9 mA PS Safety input, output, or total power RθJA = 117.8°C/W, TJ = 150°C, TA = 25°C 1061.1 mW TS Maximum safety temperature 150 °C (1) The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The IS and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be exceeded. These limits vary with the ambient temperature, TA. The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount packages. Use these equations to calculate the value for each parameter: TJ = TA + RθJA × P, where P is the power dissipated in the device. TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature. PS = IS × VI, where VI is the maximum input voltage. ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 www.ti.com 10 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: ISO6440 ISO6441 ISO6442 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |