Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA620DBVR Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA620DBVR
Description  OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA620DBVR Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA620DBVR Datasheet HTML 16Page - Texas Instruments OPA620DBVR Datasheet HTML 17Page - Texas Instruments OPA620DBVR Datasheet HTML 18Page - Texas Instruments OPA620DBVR Datasheet HTML 19Page - Texas Instruments OPA620DBVR Datasheet HTML 20Page - Texas Instruments OPA620DBVR Datasheet HTML 21Page - Texas Instruments OPA620DBVR Datasheet HTML 22Page - Texas Instruments OPA620DBVR Datasheet HTML 23Page - Texas Instruments OPA620DBVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
9.2.4 Wide-Band Transimpedance Amplifier
Wide bandwidth, low input bias current, and low input voltage and current noise make the OPA620 devices
excellent choices for wideband photo-diode transimpedance amplifier applications, particularly in low-voltage
single-supply designs. Low-voltage noise is critical because photo-diode capacitance causes the effective noise
gain of the circuit to increase at high frequencies.
9.2.4.1 Detailed Design Procedure
The key elements of a transimpedance amplifier design include the expected diode capacitance, CD (including
parasitic input common-mode and differential-mode capacitance of 2 + 2pF for the OPA620), the desired
transimpedance gain (RF), and the gain-bandwidth product (GBW) of the OPA620 (100MHz typical). Once
these three variables are determined, the feedback capacitor value (CF) is selected to control the frequency
response. The feedback capacitance calculation should include stray capacitance, which is typically 0.2pF for
surface-mount resistors
OPA620
(prevents gain peaking)
I
C
D
10M
VOUT
V+
RF
CF < 1pF
V–
Figure 9-5. Transimpedance Amplifier
To achieve a maximally flat, second-order, Butter-worth frequency response, the feedback pole must be set as
shown in Equation 1
1
2 × π × RF × CF  =  GBW
4 × π × RF × CD
(5)
Typical surface-mount resistors have a parasitic capacitance of approximately 0.2pF. Deduct that parasitic
capacitance from the calculated feedback capacitance value. Equation 2 calculates the bandwidth:
f−3dB =  GBW
2× π × RF × CD
(6)
For even higher transimpedance bandwidth, use the high speed FET input OPA355 (200MHz GBW) or the
OPA657 (1600MHz GBW)
9.3 Power Supply Recommendations
The OPA620 family of devices is specified for operation from 2.7V to 5.5V (±1.35V to ±2.75V); many
specifications apply from –40°C to +125°C.
Place 0.1µF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or
high-impedance power supplies. See also Section 9.4.1.
OPA620
SLOSEG2 – APRIL 2026
www.ti.com
20
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com