Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA620DBVR Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA620DBVR
Description  OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA620DBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA620DBVR Datasheet HTML 7Page - Texas Instruments OPA620DBVR Datasheet HTML 8Page - Texas Instruments OPA620DBVR Datasheet HTML 9Page - Texas Instruments OPA620DBVR Datasheet HTML 10Page - Texas Instruments OPA620DBVR Datasheet HTML 11Page - Texas Instruments OPA620DBVR Datasheet HTML 12Page - Texas Instruments OPA620DBVR Datasheet HTML 13Page - Texas Instruments OPA620DBVR Datasheet HTML 14Page - Texas Instruments OPA620DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5V, G = +1, RF = 0Ω, RL = 1kΩ, and connected to VS / 2, unless otherwise noted.
VS = 3V
Figure 6-19. Output Voltage Swing vs Output Current
Figure 6-20. Supply Current vs Temperature
VS = 5V
Figure 6-21. Output Voltage Swing vs Output Current
Frequency (Hz)
100k
1M
10M
100M
0.01
0.1
10
100
Figure 6-22. Closed- Loop Output Impedance vs Frequency
Time (ns)
0
10
20
30
40
50
60
70
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
VO = 2VPP
Figure 6-23. Output Settling Time to 0.1%
Te mperature (
C)
-55
-30
-5
20
45
70
95
120 135
80
90
100
110
120
130
Figure 6-24. Open- Loop Gain vs Temperature
www.ti.com
OPA620
SLOSEG2 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com