Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36DR232B Datasheet(PDF) 35 Page - STMicroelectronics

Part # M36DR232B
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR232B Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M36DR232B Datasheet HTML 31Page - STMicroelectronics M36DR232B Datasheet HTML 32Page - STMicroelectronics M36DR232B Datasheet HTML 33Page - STMicroelectronics M36DR232B Datasheet HTML 34Page - STMicroelectronics M36DR232B Datasheet HTML 35Page - STMicroelectronics M36DR232B Datasheet HTML 36Page - STMicroelectronics M36DR232B Datasheet HTML 37Page - STMicroelectronics M36DR232B Datasheet HTML 38Page - STMicroelectronics M36DR232B Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
35/46
M36D232A, M36DR232B
Table 31. SRAM Read AC Characteristics
(TA = –40 to 85°C; VDDS = 1.65V to 2.2V)
Note: 1. Sampled only. Not 100% tested.
Figure 16. SRAM Read Mode AC Waveforms, Address Controlled with UBS =LBS =VIL
Note: E1S = Low, E2S = High, GS =Low, WS = High.
Symbol
Alt
Parameter
SRAM
Unit
Min
Max
tAVAV
tRC
Read Cycle Time
70
ns
tAVQV
tAA
Address Valid to Output Valid
70
ns
tAXQX
tOH
Address Transition to Output Transition
10
ns
tBHQZ
tBHZ
UBS, LBS Disable to Hi-Z Output
25
ns
tBLQV
tBA
UBS, LBS Access Time
70
ns
tBLQX
tBLZ
UBS, LBS Enable to Low-Z Output
5
ns
tE1HQZ
tHZ1
Chip Enable 1 High to Output Hi-Z
25
ns
tE1LQV
tCO1
Chip Enable 1 Low to Output Valid
70
ns
tE1LQX
tLZ1
Chip Enable 1 Low to Output Transition
10
ns
tE2HQV
tCO2
Chip Enable 2 High to Output Valid
70
ns
tE2HQX
tLZ2
Chip Enable 2 High to Output Transition
10
ns
tE2LQZ
tHZ2
Chip Enable 2 Low to Output Hi-Z
25
ns
tGHQZ
tOHZ
Output Enable High to Output Hi-Z
25
ns
tGLQV
tOE
Output Enable Low to Output Valid
35
ns
tGLQX
tOLZ
Output Enable Low to Output Transition
5
ns
tPD
(1)
Chip Enable 1 High or Chip Enable 2 Low to Power
Down
70
ns
tPU
(1)
Chip Enable 1 Low or Chip Enable 2 High to Power Up
0
ns
AI04115
tAVAV
tAVQV
tAXQX
A0-A16
DQ0-DQ15
VALID
DATA VALID
DATA VALID
PROCED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com