Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36DR232B Datasheet(PDF) 43 Page - STMicroelectronics

Part # M36DR232B
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR232B Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M36DR232B Datasheet HTML 38Page - STMicroelectronics M36DR232B Datasheet HTML 39Page - STMicroelectronics M36DR232B Datasheet HTML 40Page - STMicroelectronics M36DR232B Datasheet HTML 41Page - STMicroelectronics M36DR232B Datasheet HTML 42Page - STMicroelectronics M36DR232B Datasheet HTML 43Page - STMicroelectronics M36DR232B Datasheet HTML 44Page - STMicroelectronics M36DR232B Datasheet HTML 45Page - STMicroelectronics M36DR232B Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
43/46
M36D232A, M36DR232B
Table 37. Stacked LFBGA66 - 8 x 8 ball array, 0.8 mm pitch, Package Mechanical Data
Figure 25. Stacked LFBGA66 - 8 x 8 ball array, 0.8 mm pitch, Bottom View Package Outline
Note: Drawing is not to scale.
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.400
0.0551
A1
0.250
0.0098
A2
1.100
0.0433
b
0.400
0.350
0.450
0.0157
0.0138
0.0177
D
12.000
–
–
0.4724
–
–
D1
5.600
–
–
0.2205
–
–
D2
8.800
–
–
0.3465
–
–
ddd
0.100
0.0039
E
8.000
–
–
0.3150
–
–
E1
5.600
–
–
0.2205
–
–
e
0.800
–
–
0.0315
–
–
FD
1.600
–
–
0.0630
–
–
FE
1.200
–
–
0.0472
–
–
SD
0.400
–
–
0.0157
–
–
SE
0.400
–
–
0.0157
–
–
A2
A1
A
BGA-Z12
ddd
D
E
e
b
SE
FD
FE
E1
e
D1
SD
D2
BALL "A1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com