Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT362 Datasheet(PDF) 19 Page - Intel Corporation

Part # LXT362
Description  Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT362 Datasheet(HTML) 19 Page - Intel Corporation

Back Button LXT362 Datasheet HTML 15Page - Intel Corporation LXT362 Datasheet HTML 16Page - Intel Corporation LXT362 Datasheet HTML 17Page - Intel Corporation LXT362 Datasheet HTML 18Page - Intel Corporation LXT362 Datasheet HTML 19Page - Intel Corporation LXT362 Datasheet HTML 20Page - Intel Corporation LXT362 Datasheet HTML 21Page - Intel Corporation LXT362 Datasheet HTML 22Page - Intel Corporation LXT362 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications — LXT362
Datasheet
19
.
Figure 4. Serial Port Data Structure
Table 5.
Control and Operational Mode Selection
Input to Pin1
Mode of Operation
Mode
TRSTE
Hardware
Host2
Unipolar
Bipolar
AMI
Enc/Dec
B8ZS
Encoder/Decoder
All Outputs
Tristated
Low
Low
On
Off
Off
On
Off3
Off
No
Low
High
On
Off
Off
On
Off3
Off
Yes
Low
Open
On
Off
On
Off
On
Off
No
High
Low
Off
On
x
x
x
x
No
High
High
Off
On
x
x
x
x
Yes
High
Open
Off
On
x
x
x
x
No
Open
Low
On
Off
On
Off
Off
On
No
Open
High
On
Off
On
Off
Off
On
Yes
Open
Open
On
Off
On
Off
Off
On
No
1. Open is either a midrange voltage or the pin is floating.
2. In Host mode, the contents of register CR1 determine the operation mode.
3. Encoding is done externally.
R/W
A1
A2
A3
A4
A5
A6
A7
(don’t
care)
CS
SCLK
SDI
R/W = 1: Read operation
R/W = 0: Write operation (SDO remains high impedance)
Address / Command Byte
D0
D1
D2
D3
D4
D5
D6
D7
Input (Write) Data Byte
D0
D1
D2
D3
D4
D5
D6
D7
Output (Read) Data Byte
SDO
High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com