Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT362 Datasheet(PDF) 21 Page - Intel Corporation

Part # LXT362
Description  Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT362 Datasheet(HTML) 21 Page - Intel Corporation

Back Button LXT362 Datasheet HTML 17Page - Intel Corporation LXT362 Datasheet HTML 18Page - Intel Corporation LXT362 Datasheet HTML 19Page - Intel Corporation LXT362 Datasheet HTML 20Page - Intel Corporation LXT362 Datasheet HTML 21Page - Intel Corporation LXT362 Datasheet HTML 22Page - Intel Corporation LXT362 Datasheet HTML 23Page - Intel Corporation LXT362 Datasheet HTML 24Page - Intel Corporation LXT362 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications — LXT362
Datasheet
21
2.7.1
Loopback Modes
2.7.1.1
Local Loopback (LLOOP)
See Figure 5 and Figure 6. LLOOP inhibits the receiver circuits. The transmit clock and data inputs
(TCLK and TPOS/TNEG or TDATA) loop back through the jitter attenuator (if enabled) and
appear at RCLK and RPOS/RNEG or RDATA. Note that during LLOOP, the JASEL input is
strictly an enable/disable control, i.e. it does not affect the placement of the JA. If the JA is enabled,
it is active in the loopback circuit. If the JA is bypassed, it is not active in the loopback circuit.
The transmitter circuits are unaffected by LLOOP and the LXT362 continues to transmit the
TPOS/TNEG or TDATA inputs (or a stream of 1’s if TAOS is asserted). When used in this mode,
the transceiver can function as a stand-alone jitter attenuator.
In Hardware mode, Local loopback (LLOOP) is selected by setting LLOOP High; in Host mode,
by setting bit CR2.ELLOOP = 1.
Figure 5. TAOS with LLOOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com