Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K121B Datasheet(PDF) 21 Page - Nisshinbo Micro Devices Inc.

Part # RP112K121B
Description  Low Noise 150 mA LDO Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP112K121B Datasheet(HTML) 21 Page - Nisshinbo Micro Devices Inc.

Back Button RP112K121B Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. RP112K121B Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. RP112K121B Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. RP112K121B Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. RP112K121B Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. RP112K121B Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. RP112K121B Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. RP112K121B Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. RP112K121B Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
RP112x
No. EA-258-250325
21
18) Inrush Current (C1 = Ceramic 1.0 F, IOUT = 0 mA, Ta = 25°C)
RP112x12xx
RP112x28xx
RP112x40xx
RP112x48xx
0
0.4
0.8
1.2
1.6
2.0
2.4
0
30
60
90
120 150
Time t (µs)
-100
0
100
200
300
CE
C2=1.0µF
C2=1.5µF
C2=2.2µF
C2=3.3µF
Output Voltage
CE Input Voltage
0V ⇒ 2.2V
VIN=2.2V
Inrush Current
0
0.7
1.4
2.1
2.8
3.5
4.2
0
30
60
90
120 150
Time t (µs)
-100
0
100
200
300
CE
C2=1.0µF
C2=1.5µF
C2=2.2µF
Output Voltage
CE Input Voltage
0V ⇒ 3.8V
VIN=3.8V
Inrush Current
0
1
2
3
4
5
6
0
30
60
90
120
150
Time t (µs)
-100
0
100
200
300
CE
C2=1.0µF
C2=1.5µF
C2=2.2µF
Output Voltage
CE Input Voltage
0V ⇒ 5.0V
VIN=5.0V
Inrush Current
0
1
2
3
4
5
6
0
30
60
90
120
150
Time t (µs)
-100
0
100
200
300
CE
C2=1.0µF
C2=1.5µF
C2=2.2µF
Output Voltage
CE Input Voltage
0V ⇒ 5.25V
VIN=5.25V
Inrush Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com