Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K121B Datasheet(PDF) 3 Page - Nisshinbo Micro Devices Inc.

Part # RP112K121B
Description  Low Noise 150 mA LDO Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP112K121B Datasheet(HTML) 3 Page - Nisshinbo Micro Devices Inc.

  RP112K121B Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. RP112K121B Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. RP112K121B Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RP112K121B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP112K121B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP112K121B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP112K121B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP112K121B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP112K121B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
RP112x
No. EA-258-250325
3
PIN DESCRIPTIONS
Top View
2
1
3
4
Bottom View
1
2
4
3
(1)
1
5
4
1
1
3
2
(mark side)
1
2
3
4
5
(mark side)
DFN(PL)1010-4 Pin Configuration
SC-88A Pin Configuration SOT-23-5 Pin Configuration
DFN(PL)1010-4 Pin Description
Pin No.
Symbol
Description
1
VOUT
Output Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin ("H" Active)
4
VDD
Input Pin
SC-88A Pin Description
Pin No
Symbol
Pin Description
1
VDD
Input Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin ("H" Active)
4
NC
No Connection
5
VOUT
Output Pin
SOT-23-5 Pin Description
Pin No
Symbol
Pin Description
1
VDD
Input Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin ("H" Active)
4
NC
No Connection
5
VOUT
Output Pin
(1) Tab is GND level (They are connected to the reverse side of this IC). The tab is better to be connected to the GND,
but leaving it open is also acceptable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com