Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K151D Datasheet(PDF) 2 Page - Nisshinbo Micro Devices Inc.

Part # RP112K151D
Description  Low Noise 150 mA LDO Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP112K151D Datasheet(HTML) 2 Page - Nisshinbo Micro Devices Inc.

  RP112K151D Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. RP112K151D Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. RP112K151D Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RP112K151D Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP112K151D Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP112K151D Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP112K151D Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP112K151D Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP112K151D Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
RP112x
No. EA-258-250325
2
SELECTION GUIDE
The output voltage, auto-discharge function(1), package for the ICs can be selected at the user’s request.
Selection Guide
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RP112Kxx1-TR
DFN(PL)1010-4
10,000 pcs
Yes
Yes
RP112Qxx2-TR-FE
SC-88A
3,000 pcs
Yes
Yes
RP112Nxx1-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
xx: Set output voltage (VSET) is selectable from 1.2 V to 4.8 V in 0.1 V step.
The second decimal point of the voltage is described as below.
1.25 V: RP112x12x5
1.85 V: RP112x18x5
2.85 V: RP112x28x5
: Selections of CE pin polarity and Auto-discharge function are as shown below:
(B) CE pin polarity: “H” active, Auto-discharge function: No
(D) CE pin polarity: “H” active, Auto-discharge function: Yes
BLOCK DIAGRAMS
VDD
GND
VOUT
CE
Vref
Current
Limit
Noise
Reduction
VDD
GND
VOUT
CE
Vref
Current
Limit
Noise
Reduction
RP112xxxxB Block Diagram
RP112xxxxD Block Diagram
(1) Auto-discharge function quickly lowers the output voltage to 0 V by releasing the electrical charge in the external
capacitor when the chip enable signal is switched from the active mode to the standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com