Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K151D Datasheet(PDF) 8 Page - Nisshinbo Micro Devices Inc.

Part # RP112K151D
Description  Low Noise 150 mA LDO Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP112K151D Datasheet(HTML) 8 Page - Nisshinbo Micro Devices Inc.

Back Button RP112K151D Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP112K151D Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP112K151D Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP112K151D Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP112K151D Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP112K151D Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RP112K151D Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. RP112K151D Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. RP112K151D Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
RP112x
No. EA-258-250325
8
APPLICATION INFORMATION
TYPICAL APPLICATIONS
C1
RP112x
VDD
VOUT
CE
GND
C2
VOUT
CE Control
External Components
Symbol
Description
C1 (CIN)
1.0 µF, Ceramic Capacitor, GRM155B31A105KE15, MURATA
C2 (COUT)
1.0 µF, Ceramic Capacitor, GRM155B31A105KE15, MURATA
TECHNICAL NOTES
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use a 1.0 F or more capacitor C2.
In case of using a tantalum capacitor, the output may be unstable due to inappropriate ESR. Therefore, the
full range of operating conditions for the capacitor in the application should be considered.
PCB Layout
The high impedances of VDD and GND could be a reason for the noise pickup and unstable operation.
Therefore, it is imperative that the impedances of VDD and GND be the lowest possible. Also, place a 1.0 µF
or more capacitor (C1) between VDD pin and GND pin as close as possible to each other.
As for C2 output capacitor that is used for phase compensation, place it between VOUT pin and GND as close
as possible to each other (Refer to TYPICAL APPLICATIONS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com