Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ201 Datasheet(PDF) 10 Page - Pico Technology Ltd.

Part # PQ201
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ201 Datasheet(HTML) 10 Page - Pico Technology Ltd.

Back Button PQ201 Datasheet HTML 6Page - Pico Technology Ltd. PQ201 Datasheet HTML 7Page - Pico Technology Ltd. PQ201 Datasheet HTML 8Page - Pico Technology Ltd. PQ201 Datasheet HTML 9Page - Pico Technology Ltd. PQ201 Datasheet HTML 10Page - Pico Technology Ltd. PQ201 Datasheet HTML 11Page - Pico Technology Ltd. PQ201 Datasheet HTML 12Page - Pico Technology Ltd. PQ201 Datasheet HTML 13Page - Pico Technology Ltd. PQ201 Datasheet HTML 14Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
PicoScope® 6000E Series
Advanced display
PicoScope software dedicates the majority of the display area to the waveform, ensuring
that the maximum amount of data is visible at all times. The size of the display is only
limited by the size of your computer’s monitor, so even with a laptop, the viewing area is
much bigger, with much higher resolution, than that of a benchtop scope.
With such a large display area available, you can create a customizable floating-screen
display, drag views to different monitors and view multiple channels or different views of
the same signal at the same time – the software can even show multiple oscilloscope
and spectrum analyzer views at once. Each view has separate zoom, pan and filter
settings, for ultimate flexibility.
You can control the PicoScope software using a mouse or touchscreen.
PicoScope custom colors
In PicoScope 7, you can customize the start-up settings,
select a light or dark color theme, adjust the thickness
of trace lines, choose a left or right side panel position
and choose your measurement system units.
SuperSpeed USB 3.0 connection
PicoScope 6000E Series instruments feature a USB 3.0 connection,
providing lightning-fast saving of waveforms while retaining
compatibility with older USB standards.
PicoSDK supports continuous streaming to the host computer at rates
of over 300 MS/s.
The USB connection not only allows
high-speed data acquisition and
transfer, but also makes printing,
copying, saving and emailing your
data from the field quick and easy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com