Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ201 Datasheet(PDF) 27 Page - Pico Technology Ltd.

Part # PQ201
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ201 Datasheet(HTML) 27 Page - Pico Technology Ltd.

Back Button PQ201 Datasheet HTML 23Page - Pico Technology Ltd. PQ201 Datasheet HTML 24Page - Pico Technology Ltd. PQ201 Datasheet HTML 25Page - Pico Technology Ltd. PQ201 Datasheet HTML 26Page - Pico Technology Ltd. PQ201 Datasheet HTML 27Page - Pico Technology Ltd. PQ201 Datasheet HTML 28Page - Pico Technology Ltd. PQ201 Datasheet HTML 29Page - Pico Technology Ltd. PQ201 Datasheet HTML 30Page - Pico Technology Ltd. PQ201 Datasheet HTML 31Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
PicoScope® 6000E Series
PicoLog 6 software
PicoScope 6000E Series oscilloscopes are also
supported by the PicoLog 6 data logging software,
allowing you to view and record signals on multiple units
in one capture.
PicoLog 6 allows sample rates of up to 1 kS/s per
channel, and is ideal for long-term observation of general
parameters, such as voltage or current levels, on several
channels at the same time, whereas the PicoScope
software is more suitable for waveshape or harmonic
analysis.
You can also use PicoLog 6 to view data from your
oscilloscope alongside a data logger or other device. For
example, you could measure voltage and current with
your PicoScope and plot both against temperature using
a TC-08 thermocouple data logger.
PicoLog Cloud
Your PicoScope, or data logger not
only captures to a local disk, but
can stream the capture directly to a
secure online Cloud store, which is
completely free.
This feature stays true to our vision
of creating a data logging application
with a simple user interface, and is
equally straightforward for use by
technical or non-technical users.
PicoLog Cloud (built-in to PicoLog 6)
provides enhancements to send
the live capture data directly to your
remote PicoLog Cloud space, and in
addition view saved captures stored in
the Cloud.
PicoLog 6 is available for Windows,
macOS and Linux, including Raspberry
Pi OS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com