Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36W108AB Datasheet(PDF) 33 Page - STMicroelectronics

Part # M36W108AB
Description  8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36W108AB Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M36W108AB Datasheet HTML 28Page - STMicroelectronics M36W108AB Datasheet HTML 29Page - STMicroelectronics M36W108AB Datasheet HTML 30Page - STMicroelectronics M36W108AB Datasheet HTML 31Page - STMicroelectronics M36W108AB Datasheet HTML 32Page - STMicroelectronics M36W108AB Datasheet HTML 33Page - STMicroelectronics M36W108AB Datasheet HTML 34Page - STMicroelectronics M36W108AB Datasheet HTML 35Page - STMicroelectronics M36W108AB Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
33/36
M36W108AT, M36W108AB
Table 25. Ordering Information Scheme
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the ST Sales Office nearest to you.
Example:
M36W108AT
100 ZM
1
T
Product Family
M36 = MMP (Flash + SRAM)
Operating Voltage
W = 2.7V to 3.6V
SRAM Chip size & organization
1 = 1 Mbit (x8)
Flash Chip size & orgnization
08A = 8 Mbit (x8)
Array Matrix
T = Top Boot
B = Bottom Boot
Speed
100 = 100 ns
120 = 120 ns
Package
ZM = LBGA48: 1mm pitch
ZN = LGA48: 1mm pitch
Temperature Range
1 = 0 to 70 °C
5 = –20 to 85 °C
6 = –40 to 85 °C
Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com