Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36W108AB Datasheet(PDF) 35 Page - STMicroelectronics

Part # M36W108AB
Description  8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36W108AB Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M36W108AB Datasheet HTML 28Page - STMicroelectronics M36W108AB Datasheet HTML 29Page - STMicroelectronics M36W108AB Datasheet HTML 30Page - STMicroelectronics M36W108AB Datasheet HTML 31Page - STMicroelectronics M36W108AB Datasheet HTML 32Page - STMicroelectronics M36W108AB Datasheet HTML 33Page - STMicroelectronics M36W108AB Datasheet HTML 34Page - STMicroelectronics M36W108AB Datasheet HTML 35Page - STMicroelectronics M36W108AB Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
35/36
M36W108AT, M36W108AB
Table 27. LGA48 - 6 x 8 balls, 1.0 mm pitch, Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
0.950
0.900
1.000
0.037
0.035
0.039
b
0.450
0.420
0.480
0.018
0.017
0.019
D
10.000
9.800
10.200
0.394
0.386
0.402
D1
5.000
–
–
0.197
–
–
D2
9.200
–
–
0.362
–
–
e
1.000
–
–
0.039
–
–
E
12.000
11.800
12.200
0.472
0.465
0.480
E1
7.000
–
–
0.276
–
–
E2
10.200
–
–
0.402
–
–
SD
0.500
–
–
0.020
–
–
SE
0.500
–
–
0.020
–
–
Figure 25. LGA48 - 6 x 8 balls, 1.0 mm pitch, Package Outline
Drawing is not to scale.
E1
E2
D1
D2
eb
SD
SE
A
LGA-Z02
LAND "A1"
E
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com