Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8103 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # MSC8103
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MSC8103 Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
2-14
Freescale Semiconductor
Physical and Electrical Specifications
2.6.5
System Bus Access Timing
2.6.5.1 Core Data Transfers
Generally, all MSC8103 bus and system output signals are driven from the rising edge of the reference clock
(REFCLK), which is DLLIN. Memory controller signals, however, trigger on four points within a DLLIN cycle.
Each cycle is divided by four internal ticks: T1, T2, T3, and T4. T1 always occurs at the rising edge of DLLIN (and
T3 at the falling edge), but the spacing of T2 and T4 depends on the PLL clock ratio selected, as Table 2-15 shows.
Figure 2-9 is a graphical representation of Table 2-15.
Note:
The UPM machine and GPCM machine outputs change on the internal tick determined by the memory
controller programming; the AC specifications are relative to the internal tick. SDRAM machine outputs
change only on the DLLIN rising edge.
Table 2-15.
Tick Spacing for Memory Controller Signals
PLL Clock Ratio
Tick Spacing (T1 Occurs at the Rising Edge of DLLIN)
T2
T3
T4
1:2, 1:3, 1:4, 1:5, 1:6
1/4 DLLIN
1/2 DLLIN
3/4 DLLIN
1:2.5
3/10 DLLIN
1/2 DLLIN
8/10 DLLIN
1:3.5
4/14 DLLIN
1/2 DLLIN
11/14 DLLIN
Figure 2-9.
Internal Tick Spacing for Memory Controller Signals
DLLIN
T1
T2
T3
T4
DLLIN
T1
T2
T3
T4
for 1:2.5
for 1:3.5
DLLIN
T1
T2
T3
T4
for 1:2, 1:3, 1:4, 1:5, 1:6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com