| Electronic Components Datasheet Search |
|
MSC8103 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8103 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc |
|
15 / 104 page ![]() System Bus, HDI16, and Interrupt Signals MSC8103 Network Digital Signal Processor, Rev. 11 Freescale Semiconductor 1-11 IRQ1 DP1 EXT_BG2 Input Input/Output Output Interrupt Request 11 One of eight external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. Data Parity 11 The agent that drives the data bus also drives the data parity signals. The value driven on the data parity one pin should give odd parity (odd number of ones) on the group of signals that includes data parity 1 and D[8–15]. External Bus Grant 21,2 The MSC8103 asserts this pin to grant bus ownership to an external bus master. IRQ2 DP2 EXT_DBG2 Input Input/Output Output Interrupt Request 21 One of eight external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. Data Parity 21 The agent that drives the data bus also drives the data parity signals. The value driven on the data parity two pin should give odd parity (odd number of ones) on the group of signals that includes data parity 2 and D[16–23]. External Data Bus Grant 21,2 The MSC8103 asserts this pin to grant data bus ownership to an external bus master. IRQ3 DP3 EXT_BR3 Input Input/Output Input Interrupt Request 31 One of eight external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. Data Parity 31 The agent that drives the data bus also drives the data parity signals. The value driven on the data parity three pin should give odd parity (odd number of ones) on the group of signals that includes data parity 3 and D[24–31]. External Bus Request 31,2 An external master asserts this pin to request bus ownership from the internal arbiter. IRQ4 DP4 DREQ3 EXT_BG3 Input Input/Output Input Output Interrupt Request 41 One of eight external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. Data Parity 41 The agent that drives the data bus also drives the data parity signals. The value driven on the data parity four pin should give odd parity (odd number of ones) on the group of signals that includes data parity 4 and D[32–39]. DMA Request 31 An external peripheral uses this pin to request DMA service. External Bus Grant 31,2 The MSC8103 asserts this pin to grant bus ownership to an external bus master. Table 1-5. System Bus, HDI16, and Interrupt Signals (Continued) Signal Data Flow Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |