Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T256YMH7F Datasheet(PDF) 19 Page - STMicroelectronics

Part # M41T256YMH7F
Description  256 Kbit 32K x8 SERIAL RTC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T256YMH7F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M41T256YMH7F Datasheet HTML 15Page - STMicroelectronics M41T256YMH7F Datasheet HTML 16Page - STMicroelectronics M41T256YMH7F Datasheet HTML 17Page - STMicroelectronics M41T256YMH7F Datasheet HTML 18Page - STMicroelectronics M41T256YMH7F Datasheet HTML 19Page - STMicroelectronics M41T256YMH7F Datasheet HTML 20Page - STMicroelectronics M41T256YMH7F Datasheet HTML 21Page - STMicroelectronics M41T256YMH7F Datasheet HTML 22Page - STMicroelectronics M41T256YMH7F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
19/27
M41T256Y
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 6. DC and AC Measurement Conditions
Figure 16. AC Testing Input/Output Waveforms
Table 7. Capacitance
Note: 1. Effective capacitance measured with power supply at 5V; sampled only, not 100% tested.
2. At 25°C, f = 1MHz.
3. Outputs deselected.
Parameter
M41T256Y
VCC Supply Voltage
4.5 to 5.5V
Ambient Operating Temperature
–25 to 70°C
Load Capacitance (CL)
100pF
Input Rise and Fall Times
≤ 50ns
Input Pulse Voltages
0.2VCC to 0.8VCC
Input and Output Timing Ref. Voltages
0.3VCC to 0.7VCC
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Symbol
Parameter(1,2)
Min
Max
Unit
CIN
Input Capacitance
7
pF
Input Capacitance (Tamper Pin)
1000
pF
CIO
(3)
Input / Output Capacitance
10
pF
tLP
Low-pass filter input time constant (SDA and SCL)
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com