Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T256YMH7F Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41T256YMH7F
Description  256 Kbit 32K x8 SERIAL RTC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T256YMH7F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41T256YMH7F Datasheet HTML 16Page - STMicroelectronics M41T256YMH7F Datasheet HTML 17Page - STMicroelectronics M41T256YMH7F Datasheet HTML 18Page - STMicroelectronics M41T256YMH7F Datasheet HTML 19Page - STMicroelectronics M41T256YMH7F Datasheet HTML 20Page - STMicroelectronics M41T256YMH7F Datasheet HTML 21Page - STMicroelectronics M41T256YMH7F Datasheet HTML 22Page - STMicroelectronics M41T256YMH7F Datasheet HTML 23Page - STMicroelectronics M41T256YMH7F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
M41T256Y
20/27
Table 8. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –25 to 70°C; VCC = 4.5 to 5.5V (except where noted).
2. Outputs deselected.
3. For RST and FT pin (Open Drain).
Table 9. Crystal Electrical Characteristics (Externally Supplied)
Note: 1. STMicroelectronics recommends the KDS DT-38: 1TA/1TC252E127, Tuning Fork Type (thru-hole) or the DMX-26S:
1TJS125FH2A212, (SMD) quartz crystal for industrial temperature operations. KDS can be contacted at kouhou@kdsj.co.jp or ht-
tp://www.kdsj.co.jp for further information on this crystal type.
2. Load capacitors are integrated within the M41T256Y. Circuit board layout considerations for the 32.768kHz crystal of minimum trace
lengths and isolation from RF generating signals should be taken into account.
Sym
Parameter
Test Condition(1)
Min
Typ
Max
Unit
IBAT
Battery Current OSC ON
TA = 25°C, VCC = 0V, VBAT = 3.0V
1.5
1.9
µA
Battery Current OSC OFF
1.0
1.4
µA
ICC1
Supply Current
f = 400kHz
1.4
3.0
mA
ICC2
Supply Current (Standby)
SCL, SDA = VCC – 0.3V
1.0
2.5
mA
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
(2)
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
VIH
Input High Voltage
0.7VCC
VCC + 0.3
V
VIHB
Input High Voltage in Battery Back-
up for Tamper Pin
VBAT –
Vdiode
VBAT
V
VIL
Input Low Voltage
–0.3
0.3VCC
V
VBAT
Battery Voltage
2.5
3.5
V
VOH
Output High Voltage
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 3.0mA
0.4
V
Output Low Voltage (Open Drain)(3)
IOL = 10mA
0.4
V
VPFD
Power Fail Deselect
4.20
4.50
V
VSO
Battery Back-up Switchover
VBAT
V
RSW
Switch Resistance on Tamper Pin
500
Ω
Symbol
Parameter(1,2)
Typ
Min
Max
Unit
f0
Resonant Frequency
32.768
kHz
RS
Series Resistance
35
k
Ω
CL
Load Capacitance
12.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com