Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGL6241 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 9FGL6241
Description  Intelligent PCIe Clock Buffer/Generator for nVME
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGL6241 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 9FGL6241 Datasheet HTML 9Page - Renesas Technology Corp 9FGL6241 Datasheet HTML 10Page - Renesas Technology Corp 9FGL6241 Datasheet HTML 11Page - Renesas Technology Corp 9FGL6241 Datasheet HTML 12Page - Renesas Technology Corp 9FGL6241 Datasheet HTML 13Page - Renesas Technology Corp 9FGL6241 Datasheet HTML 14Page - Renesas Technology Corp 9FGL6241 Datasheet HTML 15Page - Renesas Technology Corp 9FGL6241 Datasheet HTML 16Page - Renesas Technology Corp 9FGL6241 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
©2018 Integrated Device Technology, Inc.
November 9, 2018
9FGL6241 / 9FGL6251 Datasheet
1 Guaranteed by design and characterization, not 100% tested in production.
2 Internal crystal, external crystal may be tuned to 0ppm.
3 Default SMBus value.
4 When driven by a crystal.
5 When driven by an external oscillator via the XIN/CLKIN pin, XO should be floating.
Power Management
1 Polarity of CC_IR is determined by Byte3[3].
2 CC_IR Mode is determined by the status of the input clock associated with the first ePERstn# to deassert.
3 Rising arrow indicates first ePERst# to deassert. Once an ePERst# has gone high, the other ePERst# is ignored.
1 Polarity of CC_IR is determined by Byte3[3].
2 When set to 1, the device only responds to DIF_INA and ePERst0#. ePERst1# must remain low and never deassert.
Table 14. REF Output
Parameter
Symbol
Conditions
Minimum Typical
Maximum Units Notes
Long Accuracy
ppm
Independent Reference Mode.
-100
0
100
ppm
1,2
Long Accuracy
ppm
Common Clock Mode.
0
ppm
1,2
Clock Period
Tperiod25M 25MHz reference input.
40
ns
2
Tperiod33M 33 1/3MHz reference input.
30
ns
2
Rise/Fall Slew Rate
trf1
Slowest slew rate, 20% to 80% of VDDREF.
0.5
0.89
1.6
V/ns
1
trf2
Slow slew rate, 20% to 80% of VDDREF.
0.8
1.5
2.3
V/ns
1,3
trf3
Fast slew rate, 20% to 80% of VDDREF.
0.8
1.5
2.3
V/ns
1
trf4
Fastest slew rate, 20% to 80% of VDDREF.
1.0
1.7
2.4
V/ns
1
Duty Cycle
dt1X
VT = VDD/2 V.
45
48.2
55
%
1,4
Duty Cycle Distortion
dtcd
VT = VDD/2 V.
-0.75
0.00
0
%
1,5
Jitter, Cycle to Cycle
tjcyc-cyc
VT = VDD/2 V.
52
250
ps
1,4
Table 15. Operating Configuration Table (Byte0, bit 5 = 0)
ePERst0#
DIF_INA
ePERst1#
DIF_INB
DIF0
DIF1
CC_IR1,2
↑
No clock present
0
X
From PLL
From PLL
IR Mode
↑
Clock present
0
X
Input A
Input B
CC Mode
0X
↑
No clock present
From PLL
From PLL
IR Mode
0X
↑
Clock present
Input A
Input B
CC Mode
Table 16. Operating Configuration Table (Byte0, bit 5 = 1)
ePERst0#
DIF_INA
ePERst1#
DIF_INB
DIF0
DIF1
CC_IR1,2
↑
No clock present
X
X
From PLL
From PLL
IR Mode
↑
Clock present
X
X
Input A
Input A
CC Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com