Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGL6241 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 9FGL6241
Description  Intelligent PCIe Clock Buffer/Generator for nVME
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGL6241 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 9FGL6241 Datasheet HTML 16Page - Renesas Technology Corp 9FGL6241 Datasheet HTML 17Page - Renesas Technology Corp 9FGL6241 Datasheet HTML 18Page - Renesas Technology Corp 9FGL6241 Datasheet HTML 19Page - Renesas Technology Corp 9FGL6241 Datasheet HTML 20Page - Renesas Technology Corp 9FGL6241 Datasheet HTML 21Page - Renesas Technology Corp 9FGL6241 Datasheet HTML 22Page - Renesas Technology Corp 9FGL6241 Datasheet HTML 23Page - Renesas Technology Corp 9FGL6241 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
©2018 Integrated Device Technology, Inc.
November 9, 2018
9FGL6241 / 9FGL6251 Datasheet
SMBus Table: Revision and Vendor ID Register
SMBus Table: Device Type/Device ID
SMBus Table: Byte Count Register
Byte 5
Name
Control Function
Type
0
1
Default
Bit 7
RID3
Revision ID
R
1st silicon = 0000
A revision = 0001
0
Bit 6
RID2
R
0
Bit 5
RID1
R
0
Bit 4
RID0
R
1
Bit 3
VID3
VENDOR ID
R
0001 = IDT
0
Bit 2
VID2
R
0
Bit 1
VID1
R
0
Bit 0
VID0
R
1
Byte 6
Name
Control Function
Type
0
1
Default
Bit 7
Device ID7
Device ID
RW
Device with external crystal in NDG28 = 1C hex
Device with internal crystal in LTG28 = 18 hex
0
Bit 6
Device ID6
RW
0
Bit 5
Device ID5
RW
0
Bit 4
Device ID4
RW
1
Bit 3
Device ID3
RW
1
Bit 2
Device ID2
RW
x
Bit 1
Device ID1
RW
0
Bit 0
Device ID0
RW
0
Byte 7
Name
Control Function
Type
0
1
Default
Bit 7
Reserved
0
Bit 6
Reserved
0
Bit 5
Reserved
0
Bit 4
BC4
Byte count programming
RW
Writing to this register will configure
how many bytes will be read back,
default is = 8 bytes.
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
0
Bit 1
BC1
RW
0
Bit 0
BC0
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com