Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC12864ARS-F Datasheet(PDF) 35 Page - Powertip Technology

Part # PC12864ARS-F
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC12864ARS-F Datasheet(HTML) 35 Page - Powertip Technology

Back Button PC12864ARS-F Datasheet HTML 31Page - Powertip Technology PC12864ARS-F Datasheet HTML 32Page - Powertip Technology PC12864ARS-F Datasheet HTML 33Page - Powertip Technology PC12864ARS-F Datasheet HTML 34Page - Powertip Technology PC12864ARS-F Datasheet HTML 35Page - Powertip Technology PC12864ARS-F Datasheet HTML 36Page - Powertip Technology PC12864ARS-F Datasheet HTML 37Page - Powertip Technology PC12864ARS-F Datasheet HTML 38Page - Powertip Technology PC12864ARS-F Datasheet HTML 39Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
ST7066U
V2.0
2001/03/01
12/42
#" Character Generator ROM (CGROM)
The character generator ROM generates 5 x 8 dot or 5 x 11 dot character patterns from 8-bit character codes. It
can generate 240 5 x 8 dot character patterns. User-defined character patterns are also available by
mask-programmed ROM.
#" Character Generator RAM (CGRAM)
In the character generator RAM, the user can rewrite character patterns by program. For 5 x 8 dots, eight
character patterns can be written, and for 5 x 11 dots, four character patterns can be written.
Write into DDRAM the character codes at the addresses shown as the left column of Table 4 to show the
character patterns stored in CGRAM.
See Table 5 for the relationship between CGRAM addresses and data and display patterns. Areas that are not
used for display can be used as general data RAM.
#" Timing Generation Circuit
The timing generation circuit generates timing signals for the operation of internal circuits such as
DDRAM, CGROM and CGRAM. RAM read timing for display and internal operation timing by MPU
access are generated separately to avoid interfering with each other. Therefore, when writing data to
DDRAM, for example, there will be no undesirable interference, such as flickering, in areas other than
the display area.
#" LCD Driver Circuit
LCD Driver circuit has 16 common and 40 segment signals for LCD driving. Data from CGRAM/CGROM is
transferred to 40 bit segment latch serially, and then it is stored to 40 bit shift latch. When each common is
selected by 16 bit common register, segment data also output through segment driver from 40 bit segment latch.
In case of 1-line display mode, COM1 ~ COM8 have 1/8 duty or COM1 ~ COM11 have 1/11duty , and in 2-line
mode, COM1 ~ COM16 have 1/16 duty ratio.
#" Cursor/Blink Control Circuit
It can generate the cursor or blink in the cursor/blink control circuit. The cursor or the blink appears in the digit at
the display data RAM address set in the address counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com