Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC12864ARS-F Datasheet(PDF) 44 Page - Powertip Technology

Part # PC12864ARS-F
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC12864ARS-F Datasheet(HTML) 44 Page - Powertip Technology

Back Button PC12864ARS-F Datasheet HTML 40Page - Powertip Technology PC12864ARS-F Datasheet HTML 41Page - Powertip Technology PC12864ARS-F Datasheet HTML 42Page - Powertip Technology PC12864ARS-F Datasheet HTML 43Page - Powertip Technology PC12864ARS-F Datasheet HTML 44Page - Powertip Technology PC12864ARS-F Datasheet HTML 45Page - Powertip Technology PC12864ARS-F Datasheet HTML 46Page - Powertip Technology PC12864ARS-F Datasheet HTML 47Page - Powertip Technology PC12864ARS-F Datasheet HTML 48Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
ST7066U
V2.0
2001/03/01
21/42
#
#
#
#"
"
"
" Read Busy Flag and Address
When BF = “High”, indicates that the internal operation is being processed.So during this time the next
instruction cannot be accepted.
The address Counter (AC) stores DDRAM/CGRAM addresses, transferred from IR.
After writing into (reading from) DDRAM/CGRAM, AC is automatically increased (decreased) by 1.
#
#
#
#"
"
"
" Write Data to CGRAM or DDRAM
Write binary 8-bit data to DDRAM/CGRAM.
The selection of RAM from DDRAM, CGRAM, is set by the previous address set instruction
: DDRAM address set, CGRAM address set. RAM set instruction can also determine the AC
direction to RAM.
After write operation, the address is automatically increased/decreased by 1, according to
the entry mode.
#
#
#
#"
"
"
" Read Data from CGRAM or DDRAM
Read binary 8-bit data from DDRAM/CGRAM.
The selection of RAM is set by the previous address set instruction. If address set instruction of RAM is not
performed before this instruction, the data that read first is invalid, because the direction of AC is not
determined. If you read RAM data several times without RAM address set instruction before read operation,
you can get correct RAM data from the second, but the first data would be incorrect, because there is no time
margin to transfer RAM data.
In case of DDRAM read operation, cursor shift instruction plays the same role as DDRAM address
set instruction : it also transfer RAM data to output data register. After read operation address counter is
automatically increased/decreased by 1 according to the entry mode. After CGRAM read operation, display
shift may not be executed correctly.
* In case of RAM write operation, after this AC is increased/decreased by 1 like read operation. In this time,
AC indicates the next address position, but you can read only the previous data by read instruction.
1
1
0
1
D7
D7
D6
D6
D5
D5
D4
D4
D3
D3
D2
D2
Code
Code
RS
RS
RW
RW
DB7
DB7
DB6
DB6
DB5
DB5
DB4
DB4
DB1
DB1
DB2
DB2
DB3
DB3
D1
D1
D0
D0
DB0
DB0
0
1
BF
AC6 AC5 AC4 AC3 AC2
Code
RS
RW
DB7
DB6
DB5
DB4
DB1
DB2
DB3
AC1 AC0
DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com