Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA63-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # MMBTA63-HF
Description  PNP Darlington Amplifier Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBTA63-HF Datasheet(HTML) 3 Page - Comchip Technology

  MMBTA63-HF Datasheet HTML 1Page - Comchip Technology MMBTA63-HF Datasheet HTML 2Page - Comchip Technology MMBTA63-HF Datasheet HTML 3Page - Comchip Technology MMBTA63-HF Datasheet HTML 4Page - Comchip Technology MMBTA63-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3
Comchip Technology CO., LTD.
Typical Rating and Characteristic Curves (MMBTA63/64-HF)
Fig.1 - DC Current Gain
Collector Current, -IC (mA)
0.3
0.5 0.7
2
3
5
3
20
30
50
70
100
200
20
100
10
1
10
REV:A
QW-JTR173
PNP Darlington Amplifier Transistor
Fig.2 - On Voltage
Collector Current, -IC (mA)
0.3 0.5
2
30
100
300
0
0.4
0.8
1.2
1.6
2.0
Fig.3 - Collector Saturation Region
Base Current, -IB (µA)
0.6
0.8
1.0
1.2
1.4
2.0
1.6
1.8
5
Fig.4 - High Frequency Current Gain
1
1K
0.1
1
10
Collector Current, -IC (mA)
10
7
200 300
30
50 70
VCE= -2V
25°C
-55°C
7
2
5
VCE= -5V
-10V
1
3
10
20
50
200
TA= 25°C
VBE(sat)@IC/IB= 100
VBE(on)@VCE= -5V
VBE(sat)@IC/IB= 1000
IC/IB= 100
0.2 0.5
2
100
500
5
1
10 20 50
200
0.1
1K 2K 5K 10K
TA=25°C
IC= -10mA
-50mA
-100mA
-175mA
-300mA
100
VCE= -5V
f=100MHz
TA=25°C
TA= 125°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com