Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA63-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # MMBTA63-HF
Description  PNP Darlington Amplifier Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBTA63-HF Datasheet(HTML) 2 Page - Comchip Technology

  MMBTA63-HF Datasheet HTML 1Page - Comchip Technology MMBTA63-HF Datasheet HTML 2Page - Comchip Technology MMBTA63-HF Datasheet HTML 3Page - Comchip Technology MMBTA63-HF Datasheet HTML 4Page - Comchip Technology MMBTA63-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Page 2
Comchip Technology CO., LTD.
Units
Symbol
Parameter
Typ
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
IEBO
hFE
-30
-30
-10
5000
10000
V
V
V
µA
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Emitter cut-off current
DC current gain
Transition frequency
Min
Max
Conditions
VCE(sat)
VBE(on)
10000
20000
-1.5
-2.0
MHz
Collector-emitter saturation voltage
Base-emitter on voltage
IC = -100µA, IE = 0
IC = -0.1mA, IB = 0
IE = -100µA, IC = 0
IE = 0, VCB = -30V
IC = 0, VEB = -10V
VCE = -5V, IC = -10mA
IC = -100mA, IB = -0.1mA
-0.1
-0.1
µA
V
V
hFE
hFE
hFE
fT
125
VCE = -5V, IC = -10mA
VCE = -5V, IC = -100mA
VCE = -5V, IC = -100mA
MMBTA63-HF
MMBTA63-HF
MMBTA64-HF
MMBTA64-HF
IC = -100mA, VCE = -5V
IC = -10mA, VCE = -5V, f = 100MHz
REV:A
QW-JTR173
PNP Darlington Amplifier Transistor
Collector cut-off current
ICEO
IE = 0, VCE = -10V
-0.1
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com