Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMST3906-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # MMST3906-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMST3906-HF Datasheet(HTML) 3 Page - Comchip Technology

  MMST3906-HF Datasheet HTML 1Page - Comchip Technology MMST3906-HF Datasheet HTML 2Page - Comchip Technology MMST3906-HF Datasheet HTML 3Page - Comchip Technology MMST3906-HF Datasheet HTML 4Page - Comchip Technology MMST3906-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rating and Characteristic Curves (MMST3906-HF)
Ambient Temperature, Ta (°C)
Fig.8 - PC — Ta
0
200
0
100
25
50
75
150
50
150
250
125
100
Fig.7 - FT — IC
-1
200
600
-50
Collector Current, IC (mA)
-10
400
VCE=-20V
Ta=25°C
-3
-30
-0.1
Fig.5 - IC — VBE
Base-Emitter Voltage, VBE (V)
-0.4
-0.8
-0.2
-10
-100
-1.2
-0.6
-1.0
-1
Ta=100°C
Ta= 25°C
Fig.6 - Cob/Cib — VCB/VEB
-0.1
-1
-10
-20
1
3
9
Reverse Voltage, VR (V)
Cib
Cob
f=1MHZ
IE=0/IC=0
Ta=25°C
COMMON EMITTER
VBE=-1V
-0.3
-3
-100
Collector Current, Ic (mA)
-0
-1
-0.8
-10
Fig.3 - VCEsat—IC
-1.2
-0.4
-200
Collector Current, Ic (mA)
-10
-1
-100
-10
-500
-100
Fig.4 - VBEsat — IC
β = 10
-200
Ta=100°C
Ta= 25°C
Ta=100°C
-300
-30
β = 10
Ta= 25°C
-3
-30
-3
-30
Comchip Technology CO., LTD.
REV:B
Page 3
QW-JTR26
General Purpose Transistor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com