Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMST3906-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # MMST3906-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMST3906-HF Datasheet(HTML) 1 Page - Comchip Technology

  MMST3906-HF Datasheet HTML 1Page - Comchip Technology MMST3906-HF Datasheet HTML 2Page - Comchip Technology MMST3906-HF Datasheet HTML 3Page - Comchip Technology MMST3906-HF Datasheet HTML 4Page - Comchip Technology MMST3906-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMST3906-HF (PNP)
RoHS Device
General Purpose Transistor
Halogen Free
Dimensions in inches and (millimeter)
SOT-323
1. BASE
2. EMITTER
3. COLLECTOR
3
1
2
0.087(2.20)
0.079(2.00)
0.053(1.35)
0.045(1.15)
0.055(1.40)
0.047(1.20)
0.039(1.00)
0.035(0.90)
0.016(0.40)
0.008(0.20)
0.006(0.15)
0.003(0.08)
0.096(2.45)
0.085(2.15)
0.004(0.10)
0.010(0.26)
0.018(0.46)
0.000(0.00)
Comchip Technology CO., LTD.
1
Base
2
Emitter
Collector
3
Circuit Diagram
Mechanical data
- Case: SOT-323 , Molded plastic.
- Mounting position: Any.
- Terminals: Solderable per MIL-STD-750,
method 2026.
Features
- Epitaxial planar die construction.
- Ultra-small surface mount package.
Unit
°C/W
V
V
V
mA
mW
°C
°C
-55 ~ +150
Value
-40
-40
-200
200
625
150
-5
Maximum Ratings (at TA=25°C unless otherwise noted)
Symbol
VCBO
VCEO
VEBO
PC
RθJA
TSTG
IC
TJ
Thermal resistance from junction to ambient
Parameter
Collector power dissipation
Junction temperature
Storage temperature range
Collector-emitter voltage
Collector-base voltage
Emitter-base voltage
Collector current
REV:B
Page 1
QW-JTR26


Similar Part No. - MMST3906-HF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST3906-7-F DIODES-MMST3906-7-F Datasheet
134Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30079 Rev. 8 - 2
logo
Micro Commercial Compon...
MMST3906-TP MCC-MMST3906-TP Datasheet
84Kb / 3P
PNP Small Signal Transistors
More results

Similar Description - MMST3906-HF

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com