Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E204/100R Datasheet(PDF) 1 Page - ABB

Part # E204/100R
Description  Isolator E204/100r
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

E204/100R Datasheet(HTML) 1 Page - ABB

  E204/100R Datasheet HTML 1Page - ABB E204/100R Datasheet HTML 2Page - ABB E204/100R Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolator E204/100r
E204/100R
Extended Product Type
E204/100R
Product ID
2CDE284001R0100
EAN
4016779646307
Catalog Description
Isolator E204/100r
Long Description
These devices are suitable for commanding loads and they are realized according EN
60947-3 and EN 60669-1 respectively. Fast removal without dismantling of the busbar.
Captive screws with recessed/slotted head. Pozidrive size 2. Add-on of up to 3 auxiliary
contact S2C-H6R possible Integrated lay-on edge for labeling system ILS. Locking
device as accessories for unauthorized ON/OFF. Approval: VDE, CCC, KEMA
General Information
PRODUCT-DETAILS
Technical
IEC/EN 60947-3
Standards
230 / 400 V AC
Rated Operational
Voltage
Environmental
Following EU Directive 2011/65/EU
RoHS Status
Dimensions
70 mm
Product Net Width
85 mm
Product Net Height


Similar Part No. - E204/100R

ManufacturerPart #DatasheetDescription
logo
ABB
E204/125R ABB-E204/125R Datasheet
94Kb / 3P
Isolator E204/125r
More results

Similar Description - E204/100R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH1A ETC1-WH1A Datasheet
102Kb / 2P
Isolator
WH2A ETC1-WH2A Datasheet
104Kb / 2P
Isolator
logo
RHOPOINT COMPONENTS
29220 RHOPOINT-29220 Datasheet
99Kb / 1P
0.05%?C stable 100R Miniature flexible platinum RTD
logo
TDK Electronics
CU4S0401AT-1445-00 TDK-CU4S0401AT-1445-00 Datasheet
93Kb / 7P
Isolator
CU4S0701AT-1445-00 TDK-CU4S0701AT-1445-00 Datasheet
96Kb / 7P
Isolator
CU4S1001AT-847-00 TDK-CU4S1001AT-847-00 Datasheet
90Kb / 7P
Isolator
CU1L2581AT-1493-00 TDK-CU1L2581AT-1493-00 Datasheet
97Kb / 6P
Isolator
logo
Pepperl+Fuchs Inc.
FB4201B2 PF-FB4201B2 Datasheet
513Kb / 3P
Output Isolator
LB4104A2 PF-LB4104A2 Datasheet
625Kb / 3P
Output Isolator
2021-12-01
logo
PHOENIX CONTACT
2902985 PHOENIX-2902985 Datasheet
819Kb / 19P
Network isolator - FL ISOLATOR 100-M12
Dec 6, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com