Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AST50/15 Datasheet(PDF) 2 Page - ABB

Part # AST50/15
Description  AST50/15 - Busbar
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AST50/15 Datasheet(HTML) 2 Page - ABB

  AST50/15 Datasheet HTML 1Page - ABB AST50/15 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Length
1.15 kg
Package Level 1 Gross
Weight
Environmental
Following EU Directive 2011/65/EU
RoHS Status
Additional Information
Busbars
Product Main Type
Busbar
Product Name
S200
F200
DDA200
Suitable For
Miniature Circuit Breakers
Residual Current Circuit Breakers
Residual Current Circuit Breakers with Overcurrent Protection
Suitable for Product
Class
Certificates and Declarations (Document Number)
2CDK446006D0401
Declaration of
Conformity - CE
Classifications
EC000001 - Busbar terminal
ETIM 4
EC000001 - Busbar terminal
ETIM 5
EC000001 - Busbar terminal
ETIM 6
EC000001 - Busbar terminal
ETIM 7
39121614
UNSPSC
5. Small Equipment (No External Dimension More Than 50 cm)
WEEE Category
7.0 27141146
eClass
Low Voltage Products and Systems → Modular DIN Rail Products → Miniature Circuit Breakers MCBs Accessories → Terminals and
Installation Material
Categories
2
AST50/15



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com