Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AST50/15 Datasheet(PDF) 1 Page - ABB

Part # AST50/15
Description  AST50/15 - Busbar
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AST50/15 Datasheet(HTML) 1 Page - ABB

  AST50/15 Datasheet HTML 1Page - ABB AST50/15 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AST50/15 - Busbar
AST50/15
Extended Product Type
AST50/15
Product ID
2CDL200001R5015
EAN
4016779656511
Catalog Description
AST50/15 - Busbar
Long Description
Ast 50/15 Connecting terminal
General Information
PRODUCT-DETAILS
Ordering
4016779656511
EAN
1 piece
Minimum Order Quantity
85369010
Customs Tariff Number
Dimensions
0.022 kg
Product Net Weight
Container Information
50 piece
Package Level 1 Units
84 mm
Package Level 1 Width
50 mm
Package Level 1 Height
100 mm
Package Level 1 Depth /


Similar Part No. - AST50/15

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
AST501Q MSPI-AST501Q Datasheet
110Kb / 1P
Sales Outline Drawing
AST501TRQ MSPI-AST501TRQ Datasheet
241Kb / 1P
Sales Outline Drawing
logo
Vishay Siliconix
AST50A VISHAY-AST50A Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
AST50B VISHAY-AST50B Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
More results

Similar Description - AST50/15

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0266500000 WEIDMULLER-0266500000 Datasheet
58Kb / 2P
Special terminal, special connections, Clamping yoke, Busbar
0316500000 WEIDMULLER-0316500000 Datasheet
58Kb / 2P
Special terminal, special connections, Clamping yoke, Busbar
0316600000 WEIDMULLER-0316600000 Datasheet
55Kb / 2P
Special terminal, special connections, Clamping yoke, Busbar
0502780000 WEIDMULLER-0502780000 Datasheet
48Kb / 1P
Special terminal, special connections, PA, blue, Busbar
logo
PANDUIT CORP.
C41505 PANDUIT-C41505_04 Datasheet
39Kb / 2P
Grounding busbar
logo
Japan Aviation Electron...
DW07 JAE-DW07 Datasheet
353Kb / 5P
High-current Busbar Connector
logo
HARTING Technology Grou...
09-93-001-0303 HARTING-09-93-001-0303 Datasheet
514Kb / 2P
Han S-HBM w.MC black busbar
logo
PHOENIX CONTACT
0402174 PHOENIX-0402174 Datasheet
53Kb / 3P
Neutral busbar - NLS-CU 3/10 SN 1000MM
09/11/2020
2775126 PHOENIX-2775126 Datasheet
122Kb / 3P
Return busbar - RS
02/04/2022
1115672 PHOENIX-1115672 Datasheet
214Kb / 6P
CAPAROC CR 8 - Busbar
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com