Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T212V Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48T212V
Description  5V/3.3V TIMEKEEPER CONTROLLER Supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212V Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48T212V Datasheet HTML 6Page - STMicroelectronics M48T212V Datasheet HTML 7Page - STMicroelectronics M48T212V Datasheet HTML 8Page - STMicroelectronics M48T212V Datasheet HTML 9Page - STMicroelectronics M48T212V Datasheet HTML 10Page - STMicroelectronics M48T212V Datasheet HTML 11Page - STMicroelectronics M48T212V Datasheet HTML 12Page - STMicroelectronics M48T212V Datasheet HTML 13Page - STMicroelectronics M48T212V Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
M48T212Y, M48T212V
10/32
READ Mode
The M48T212Y/V executes a READ cycle when-
ever W (WRITE Enable) is high and E (Chip En-
able) is low. The unique address specified by the
address inputs (A3-A0) defines which one of the
on-chip TIMEKEEPER® registers is to be access-
ed.
When
the
address
presented
to
the
M48T212Y/V is in the range of 0h-Fh, one of the
on-board TIMEKEEPER registers is accessed and
valid data will be available to the eight data output
drivers within tAVQV after the address input signal
is stable, providing that the E and G access times
are also satisfied.If they are not, then data access
must be measured from the latter occurring signal
(E or G) and the limiting parameter is either tELQV
for E or tGLQV for G rather than the address access
time.
When EX input is low, an external SRAM location
will be selected.
Note: Care should be taken to avoid taking both E
and EX low simultaneously to avoid bus conten-
tion.
Figure 6. READ Cycle Timing: RTC Control Signal Waveforms
Note: EX is assumed High.
Table 5. READ Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. CL = 5pF.
Symbol
Parameter(1)
M48T212Y
M48T212V
Unit
–70
–85
Min
Max
Min
Max
tAVAV
Read Cycle Time
70
85
ns
tAVQV
Address Valid to Output Valid
70
85
ns
tELQV
Chip Enable Low to Output Valid
70
85
ns
tGLQV
Output Enable Low to Output Valid
25
35
ns
tELQX
(2)
Chip Enable Low to Output Transition
5
5
ns
tGLQX
(2)
Output Enable Low to Output Transition
0
0
ns
tEHQZ
(2)
Chip Enable High to Output Hi-Z
20
25
ns
tGHQZ
(2)
Output Enable High to Output Hi-Z
20
25
ns
tAXQX
Address Transition to Output Transition
5
5
ns
AI02640
W
DQ7-DQ0
G
DATA OUT
VALID
ADDRESS
tAVAV
E
tELQV
tAVAV
tAVAV
READ
READ
WRITE
DATA IN
VALID
DATA OUT
VALID
tAVQV
tWHAX
tAVWL
tELQX
tGLQV
tGHQZ
tWLWH
tAXQX
tGLQX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com