Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T212V Datasheet(PDF) 25 Page - STMicroelectronics

Part # M48T212V
Description  5V/3.3V TIMEKEEPER CONTROLLER Supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212V Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M48T212V Datasheet HTML 21Page - STMicroelectronics M48T212V Datasheet HTML 22Page - STMicroelectronics M48T212V Datasheet HTML 23Page - STMicroelectronics M48T212V Datasheet HTML 24Page - STMicroelectronics M48T212V Datasheet HTML 25Page - STMicroelectronics M48T212V Datasheet HTML 26Page - STMicroelectronics M48T212V Datasheet HTML 27Page - STMicroelectronics M48T212V Datasheet HTML 28Page - STMicroelectronics M48T212V Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25/32
M48T212Y, M48T212V
Table 14. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. RSTIN1 and RSTIN2 internally pulled-up to VCC through 100KΩ resistor. WDI internally pulled-down to VSS through 100KΩ resistor.
3. Outputs deselected.
4. IBAT (OSC ON) = Industrial Temperature Range - Grade 6 device.
5. For IRQ/FT & RST pins (Open Drain).
6. Conditioned outputs (E1CON - E2CON) can only sustain CMOS leakage currents in the battery back-up mode. Higher leakage cur-
rents will reduce battery life.
7. External SRAM must match TIMEKEEPER® SUPERVISOR chip VCC specification.
Sym
Parameter
Test Condition(1)
M48T212Y
M48T212V
Unit
–70
–85
Min
Typ
Max
Min
Typ
Max
ILI
(2)
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
±1
µA
ILO
(3)
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
±1
µA
ICC
Supply Current
Outputs open
8
15
4
10
mA
ICC1
Supply Current (Standby)
TTL
E = VIH
53
mA
ICC2
Supply Current (Standby)
CMOS
E = VCC –0.2
32
mA
IBAT
Battery Current OSC ON
VCC = 0V
575
800
575
800
nA
Battery Current OSC
ON(4)
950
1250
950
1250
nA
Battery Current OSC
OFF
100
100
nA
VIL
Input Low Voltage
–0.3
0.8
–0.3
0.8
V
VIH
Input High Voltage
2.2
VCC +
0.3
2.0
VCC +
0.3
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
0.4
V
Output Low Voltage
(open drain) (5)
IOL = 10mA
0.4
0.4
V
VOH
Output High Voltage
IOH = –1.0mA
2.4
2.4
V
VOHB
(6)
VOH Battery Back-up
IOUT2 = –1.0µA
2.0
3.6
2.0
3.6
V
IOUT1
(7)
VOUT Current (Active)
VOUT1 > VCC –0.3
100
70
mA
IOUT2
VOUT Current (Battery
Back-up)
VOUT2 > VBAT –0.3
100
100
µA
VPFD
Power-fail Deselect
Voltage
4.2
4.35
4.5
2.7
2.9
3.0
V
VSO
Battery Back-up
Switchover Voltage
3.0
VPFD –
100mV
V
VBAT
Battery Voltage
3.0
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com