Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36W108 Datasheet(PDF) 28 Page - STMicroelectronics

Part # M36W108
Description  8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36W108 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M36W108 Datasheet HTML 24Page - STMicroelectronics M36W108 Datasheet HTML 25Page - STMicroelectronics M36W108 Datasheet HTML 26Page - STMicroelectronics M36W108 Datasheet HTML 27Page - STMicroelectronics M36W108 Datasheet HTML 28Page - STMicroelectronics M36W108 Datasheet HTML 29Page - STMicroelectronics M36W108 Datasheet HTML 30Page - STMicroelectronics M36W108 Datasheet HTML 31Page - STMicroelectronics M36W108 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
M36W108T, M36W108B
28/35
Table 22. SRAM Write AC Characteristics
(TA = 0 to 70 °C, –20 to 85 °C or –40 to 85 °C; VCCS = 2.7V to 3.6V)
Symbol
Parameter
SRAM Chip
Unit
100
CL = 100pF
Min
Max
tAVAV
Write Cycle Time
100
ns
tAVWL
Address Valid to Write Enable Low
0
ns
tAVWH
Address Valid to Write Enable High
80
ns
tWLWH
Write Enable Pulse Width
70
ns
tWHAX
Write Enable High to Address Transition
0
ns
tWHDX
Write Enable High to Input Transition
0
ns
tWHQX
Write Enable High to Output Transition
0
ns
tWLQZ
Write Enable Low to Output Hi-Z
0
30
ns
tAVE1L
Address Valid to Chip Enable 1 Low
0
ns
tAVE2H
Address Valid to Chip Enable 2 High
0
ns
tE1HAX
Chip Enable 1 High to Address Transition
0
ns
tE2LAX
Chip Enable 2 Low to Address Transition
0
ns
tDVWH
Input Valid to Write Enable High
40
ns
tDVE1H
Input Valid to Chip Enable 1 High
40
ns
tDVE2L
Input Valid to Chip Enable 2 Low
40
ns
Figure 17. SRAM Write AC Waveforms, W Controlled
Note: Output Enable (G) = Low.
AI02434
tAVAV
tWHAX
tDVWH
INPUT VALID
A0-A16
E1S
W
DQ0-DQ7
VALID
E2S
tAVWH
tAVE1L
tAVE2H
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com